Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN2515S28X Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN2515S28X
Description  200 mA CMOS LDO Regulators with Fast Start Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2515S28X Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN2515S28X Datasheet HTML 2Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 3Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 4Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 5Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 6Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 7Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 8Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 9Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PRODUCT SPECIFICATION
FAN2514/FAN2515
8
REV. 1.0.8 2/14/03
Typical Performance Characteristics (continued)
Functional Characteristics
0.00
Temperature (
°C)
Ground Pin Current
25
0
50
75
-40
0
40
80
125
V
IN = 4V
V
OUT = 3V
I
L = 200mA
Output Current (mA)
Dropout Voltage
60.00
30.00
0.00
90.00
120.00
150.00
0.1
50
100
150
200
Temperature (
°C)
Ground Pin Current
25
0
50
75
-40
0
40
80
125
V
IN = 4V
V
OUT = 3V
I
L = 100µA
Input Voltage (V)
Ground Pin Current
10.00
20.00
30.00
40.00
50.00
60.00
70.00
3.0
4.0
5.0
6.0
7.0
V
OUT = 3V
I
OUT = 100µA
0.00
Input Voltage (V)
Ground Pin Current
10.00
20.00
30.00
40.00
50.00
60.00
70.00
3.0
4.0
5.0
6.0
7.0
V
OUT = 3V
I
OUT = 300mA
Temperature (
°C)
-40
0
40
80
125
2
0
4
6
8
I
L = 100µA
Input Voltage (V)
Dropout Characteristics
Dropout Voltage
Temperature (
°C)
-40
0
40
80
125
50
0
100
150
200
I
L = 200mA
Dropout Voltage
1.0
0.5
0.0
1.5
2.0
2.5
3.0
3.5
0.0
1.0
2.0
3.0
4.0
5.0
V
OUT = 3V
R
OUT = 20Ω
R
OUT = 30KΩ
Temperature (
°C)
-40
0
40
80
125
Output Voltage
vs. Temperature
2.9
2.85
2.95
3
3.05
V
IN = 4V
Typical 3V device
I
L = 100µA
Time (20
µs/div)
Shutdown Delay
Disable
V
OUT
Time (20
µs/div)
Enable Pin Delay
Enable
V
OUT


Similar Part No. - FAN2515S28X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2515S25X FAIRCHILD-FAN2515S25X Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
More results

Similar Description - FAN2515S28X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com