Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E10480 Datasheet(PDF) 1 Page - Littelfuse

Part # E10480
Description  328 Series, Lead-Free 3AB, High Surge Withstanding Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

E10480 Datasheet(HTML) 1 Page - Littelfuse

  E10480 Datasheet HTML 1Page - Littelfuse E10480 Datasheet HTML 2Page - Littelfuse E10480 Datasheet HTML 3Page - Littelfuse E10480 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/16/13
Axial Lead & Cartridge Fuses
3AB > High I2t > 328 Series
328 Series, Lead-Free 3AB, High Surge Withstanding Fuse
Agency Approvals
Features
• High surge withstanding
capability
– 20 hits of 10kA 8/20μs
surge
– Meets ANSI/IEEE
C62.41, Category
C-High
– Meets US Dept of
Energy (DOE) MSSLC/
CBEA street lighting
and parking lot
lighting, elevated level
• Small form factor
(6.3×32mm) with
cartridge and axial-lead
package options
• High breaking capacity:
200A@300VAC
• Lead-free, RoHS
compliant, halogen-free
• Compliant with UL248-
14 and NFPA 70
(NEC) primary fusing
requirements
• Operating temperature:
–55°C to 125 °
Applications
Electrical Characteristics
Agency
Agency File Number
Ampere Range
E10480
21A
% of Ampere
Rating
Ampere Rating
OpeningTime
100%
21A
4 hours, minimum
200%
120 sec., maximum
The 328 Series is a 300VAC rated, 10kA surge
withstanding, 6.3×32mm ceramic fuse, designed in
accordance to UL248-14 Standard, provided in cartridge
and axial-lead packages.
Commercial and outdoor LED luminaries
Outdoor electronics and electrical equipment
Description
Electrical Characteristics
Amp
Rating
(A)
Voltage
Rating
(VAC)
Interrupting
Rating
Surge
Rating
Nominal
Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Agency
Approvals
21
300
200A @
300VAC
1.2/50 - 8/20µs,
20kV/10kA 20 hits
0.0042
4,800
E10480


Similar Part No. - E10480

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E104818 OMRON-E104818 Datasheet
1Mb / 34P
   Contact Displacement Sensors
More results

Similar Description - E10480

ManufacturerPart #DatasheetDescription
logo
Littelfuse
508 LITTELFUSE-508 Datasheet
584Kb / 3P
   Lead-Free 3AB Fuse
0314.125HXP LITTELFUSE-0314.125HXP Datasheet
191Kb / 3P
   314/324 Series Lead-free 3AB, Fast-acting Fuse
0325.010HXP LITTELFUSE-0325.010HXP Datasheet
163Kb / 4P
   325/326 Series Lead-Free 3AB, Slo-Blo짰 Fuse
322 LITTELFUSE-322 Datasheet
1Mb / 3P
   322/332 Series Lead-free 3AB, Very Fast-acting Fuse
03221.25HXP LITTELFUSE-03221.25HXP Datasheet
192Kb / 4P
   322/332 Series Lead-free 3AB, Very Fast-acting Fuse
0508001.MXEP LITTELFUSE-0508001.MXEP Datasheet
194Kb / 3P
   Axial Lead & Cartridge Fuses 3AB 1000VAC / DC High Voltage Fuse
508 LITTELFUSE-508_10 Datasheet
456Kb / 2P
   3AB 1000VAC / DC High Voltage Fuse
0508001.MXP LITTELFUSE-0508001.MXP Datasheet
194Kb / 3P
   Axial Lead & Cartridge Fuses 3AB 1000VAC / DC High Voltage Fuse
0508.315MX6P LITTELFUSE-0508.315MX6P Datasheet
194Kb / 3P
   Axial Lead & Cartridge Fuses 3AB 1000VAC / DC High Voltage Fuse
0508.500MX6P LITTELFUSE-0508.500MX6P Datasheet
194Kb / 3P
   Axial Lead & Cartridge Fuses 3AB 1000VAC / DC High Voltage Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com