Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH7773 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH7773
Description  (IR-LED Proximity Sensor Ambient Light Sensor)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7773 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH7773 Datasheet HTML 4Page - OSRAM GmbH SFH7773 Datasheet HTML 5Page - OSRAM GmbH SFH7773 Datasheet HTML 6Page - OSRAM GmbH SFH7773 Datasheet HTML 7Page - OSRAM GmbH SFH7773 Datasheet HTML 8Page - OSRAM GmbH SFH7773 Datasheet HTML 9Page - OSRAM GmbH SFH7773 Datasheet HTML 10Page - OSRAM GmbH SFH7773 Datasheet HTML 11Page - OSRAM GmbH SFH7773 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
1. Activate Ambient Light Sensor
2. Activate Proximity Sensor
3. Wait
4. Read Out PS Data
5.1 Read Out ALS Data (LSB)
5.2 Read Out ALS Data (MSB)
S
SFH7773 Address
(0x38)
W A
I_LED Register
(0x82)
A
Set LED Current to
200mA (0x1E)
A P
S
SFH7773 Address
(0x38)
W A
PS Control
Register (0x81)
A
Activate Free Running
Mode (0x03)
A P
S
SFH7773 Address
(0x38)
W A
ALS Control
Register (0x80)
A
Activate Free Running
Mode (0x03)
A P
S
SFH7773 Address
(0x38)
W A
PS Data Register
(0x8F)
A P
S
SFH7773 Address
(0x38)
R A
PS Data
N
A
P
S
SFH7773 Address
(0x38)
W A
ALS Data Register
LSB - (0x8C)
A P
S
SFH7773 Address
(0x38)
R A
ALS Data (LSB)
N
A
P
S
SFH7773 Address
(0x38)
W A
ALS Data Register
MSB - (0x8D)
A P
S
SFH7773 Address
(0x38)
R A
ALS Data (MSB)
N
A
P
Communication from Master to SFH 7773
Communication from SFH 7773 to Master
W: Master Writes
R: Master Reads
A: Acknowledge
NA: Not Acknowledge
S: Start Condition
P: Stop Condition
Fig. 14: I
2C-bus communication for the example described below.
The built-in I2C-bus interface is compatible
with all common I2C-bus modes (see Tab.
3). The logic voltage (VIO) of the SFH 7773
ranges from 1.6 V – 2.0 V (according to I2C-
bus specification [2]).
8.2 I²C - Bus Communication
By embedding the SFH 7773 in an I²C-bus
network and after applying VDD = 2.5 V, the
communication can start as follows (Fig. 14
illustrates this I²C-bus conversation):
1. Activation of the ALS:
The default mode of the sensor is STAND-
BY and the SFH 7773 needs to be activated
by the master (e.g. microcontroller).
Each I²C bus communication begins with a
start command “S” of the Master (SDA line
is changing from “1” to “0” during SCL line
stays “1”) followed by the address of the
slave (SFH 7773 address is 0x38). After the
7bit slave address the read (1) and write (0)
R/W bit of the master will follow. The R/W bit
controls
the
communication
direction
between the master and the addressed
slave. The slave is responding the proper
communication
with
an
acknowledge
command.
Acknowledge
“A”
(or
not
acknowledge “NA”) is performed from the
receiver by pulling the SDA line down (or
leave in “1” state).
For the activation of the sensor the master
needs to write an activation command
(0x03)
into
the
corresponding
control
December 12, 2011
page 8 of 23


Similar Part No. - SFH7773

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7770 OSRAM-SFH7770 Datasheet
243Kb / 22P
   Not for design in automotive and industrial applications
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7776 OSRAM-SFH7776 Datasheet
430Kb / 34P
   Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
SFH7776 OSRAM-SFH7776 Datasheet
430Kb / 34P
   Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
More results

Similar Description - SFH7773

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
ASR8800 AMICC-ASR8800 Datasheet
59Kb / 1P
   Ambient Light, Solar_UV_Index, IR and Proximity Sensor
logo
Rohm
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
   Proximity Sensor/Ambient Light Sensor
logo
AMIC Technology
ASR8600 AMICC-ASR8600 Datasheet
244Kb / 14P
   Ambient Light, Solar-UV, IR and Proximity Sensor
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
logo
Fairchild Semiconductor
FLD00060 FAIRCHILD-FLD00060 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor with Built-in IR LED
logo
OSRAM GmbH
SFH-7776 OSRAM-SFH-7776 Datasheet
1Mb / 35P
   Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
logo
ams AG
SFH7779 AMSCO-SFH7779 Datasheet
3Mb / 42P
   Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
Version 1.7 2023-05-24
logo
OSRAM GmbH
SFH7776 OSRAM-SFH7776_13 Datasheet
430Kb / 34P
   Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com