Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D8-2C Datasheet(PDF) 4 Page - Bi technologies

Part # D8-2C
Description  DIODE NETWORKS D SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

D8-2C Datasheet(HTML) 4 Page - Bi technologies

  D8-2C Datasheet HTML 1Page - Bi technologies D8-2C Datasheet HTML 2Page - Bi technologies D8-2C Datasheet HTML 3Page - Bi technologies D8-2C Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Model D Series
Part
Material
Substrate
Alumina ceramic
Diode
Small mold package silicon expitaxial planner diode array
Termination
100% Ag
Lead Pins
100% Sn Plated steel
Junction and Lead Pin finish
96%Sn, 3.5%Ag, 0.5%Cu
Conformal Coat
Expoxy resin, UL-94 V-0 rated
Number of pins
Qty. per plastic bag
Qty. per box
3 to 6
100
1000
7 to 12
100
500
13 to 14
50
250
OR DERING INFO RM ATIO N
D 8 - 3 C
(1)
(2)
(3)
(4)
(1)
Model Series: D
(2)
Number of pins: 4 to 14
(3)
Circuit type:
1 = Bussed with pin 1 in common.
2 = Bussed with centered common.
3 = Isolated.
5 = Dual termination.
(4)
Polartity (see schematic)
A = Common Anode ( circuit 1, circuit 2)
Annode is at pin number 1 (circuit 3, circuit 5)
C = Common Cathode (circuit 1, circuit 2)
Cathode is at pin number 1 (circuit 3, circuit 5)
MATE RIAL
PA CK AGIN G


Similar Part No. - D8-2C

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
D8-2C TTELEC-D8-2C Datasheet
310Kb / 4P
   Single-In-Line Conformal Coated Diode Array
More results

Similar Description - D8-2C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4606H-LF BOURNS-4606H-LF Datasheet
67Kb / 1P
   Networks
4606M-LF BOURNS-4606M-LF Datasheet
61Kb / 1P
   Networks
4607H-LF BOURNS-4607H-LF Datasheet
61Kb / 1P
   Networks
4310M-LF BOURNS-4310M-LF Datasheet
66Kb / 1P
   Networks
4310R-LF BOURNS-4310R-LF Datasheet
70Kb / 1P
   Networks
4108T-L BOURNS-4108T-L Datasheet
29Kb / 2P
   Networks
4306M-LF BOURNS-4306M-LF Datasheet
66Kb / 1P
   Networks
4820PLF BOURNS-4820PLF Datasheet
133Kb / 2P
   Networks
4609M-LF BOURNS-4609M-LF Datasheet
61Kb / 1P
   Networks
4308R-LF BOURNS-4308R-LF Datasheet
70Kb / 1P
   Networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com