Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5230QSC Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN5230QSC
Description  System Electronics Regulator for Mobile PCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5230QSC Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5230QSC Datasheet HTML 6Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 7Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 8Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 9Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 10Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 11Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 12Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 13Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
FAN5230
10
REV. 2.8.5 10/17/01
This mode of operation implies the use of a push button
switch between SDWN and Vin. Pushing the button allows
(for the duration of the contact) to power the 3.3V-ALWAYS
and 5V-ALWAYS long enough for the uC to power up and in
turn latch the SDWN pin high.
Once the SDWN is high then the ALWAYS voltages are en-
abled to go high if the respective SDN3.3 and SDN5 go high.
MAIN 3.3V and 5V Softstart, Sequencing and
Stand-by
Softstart of the 3.3V and 5V converters is accomplished by
means of an external capacitor between pins SDN3.3 (SDN5)
and ground.
The 3.3V (5V) main converter is turned ON if SDWN and
SDN3.3 (SDN5) are both high and is turned off if either SDWN
or SDN3.3 (SDN5) is low.
Stand-by mode is defined as the condition by which V-Mains
are OFF and V-ALWAYS are ON (SDWN=1 and
SDN3.3=SDN5=0).
ALWAYS mode of Operation
If it is desired that 5V-ALWAYS and 3.3V-ALWAYS are always
ON then the SDWN pin must be connected to Vin permanently.
This way the two ALWAYS regulators come up as soon as there
is power while the state of the Main regulators can be controlled
via the SDN5 and SDN3.3 pins.
Sequencing Table
3.3V and 5V Light Load Mode
The 3.3V and 5V converters are synchronous bucks, and can
operate in two quadrants, this means that the ripple current is
constant and independent of the load current. At light loads,
this ripple current translates into poor efficiency, since it
causes circulating current losses in the MOSFETs. To opti-
mize the efficiency at light loads, then, the FAN5230
switches from normal operation to a special light load mode
after an 8 clock pulse delay. This prevents false triggering
when the voltage across the on-state low-side MOSFET goes
positive. Vice-versa when this voltage becomes negative the
FAN5230 switches back to PWM operation. The current
threshold for switch to and from light load is therefore:
Ith = Iripplepeak
In light load mode, the FAN5230 switches from PWM (pulse
width modulation) to PFM (pulse frequency modulation),
which reduces the gate drive current.
As the load current becomes very light, the FAN5230 begins
pulse skipping, but remains synchronized with the clock. See
next section for low side drive management.
Low Side Driver Forcing in Light Load
During light load operation, the Low Side Driver (LSD) is
traditionally turned permanently OFF to avoid current inver-
sion in the inductor and associated efficiency losses. At the
same time the low side driver also needs to be turned ON in
order to a) measure current (current is sensed on the low side
driver) and b) assure proper operation of the charge pump,
especially under low current and low input voltage condi-
tions. In order to accomplish all the above, when the circuit
enters hysteretic operation the LSD is kept “ON” to re-circu-
late positive and decaying currents (corresponding to nega-
tive drops across low side driver Rdson) and turned off as
soon as current crosses zero (corresponding to drop across
Rdson becoming positive). This way the low side driver is
utilized in “partial duty” or as “active zero drop diode”
(compared to classic light load operation in which the LSD is
turned permanently OFF) allowing more functionality with-
out loss in efficiency.
3.3V Voltage Adjustment
The output voltage of the 3.3V converter can be increased by
as much as 10% by inserting a resistor divider in the feedback
line. The feedback pin impedance is about 66K
Ω. Thus, for
example, to increase the output of the 3.3V converter by 10%,
use a 2.21K
Ω/33.2KΩ divider.
Note that the output of the 5V regulator cannot be adjusted.
The feedback line of the 5V regulator is used internally as a
5V supply and, therefore, cannot tolerate any impedance in
series with it.
3.3V and 5V Main Overvoltage Protection
(Soft Crowbar)
When the output voltage of the 3.3V (or the 5V) converter
exceeds approximately 115% of nominal, the converter enters
the over-voltage (OV) protection mode, with the goal of pro-
tecting the load from damage. During operation, severe load
dump or a short of an upper MOSFET could cause the output
voltage to increase significantly over normal operation range
without circuit protection. When the output exceeds the over-
voltage threshold, the over-voltage comparator forces the
lower gate driver high and turns the lower MOSFET on. This
will pull down the output voltage and eventually may blow the
battery fuse. As soon as output voltage drops below the
threshold, OVP comparator is disengaged.
The OVP scheme also provides a soft crowbar function
(bang-bang control followed by blow of the fuse) which
helps to tackle severe load transients but does not invert out-
put voltage when activated—a common problem for OVP
schemes with a latch. The prevention of output inversion
eliminates the need for a Schottky diode across the load.
SDN5
SDN3.3
SDWN
3V&5V
ALWAYS
5V
MAIN
3.3V
MAIN
X
X
0
0
0
0
00
1
1
0
0
101
1
1
0
01
1
1
0
1
1
1
1
1
1
1


Similar Part No. - FAN5230QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
FAN5232 FAIRCHILD-FAN5232 Datasheet
76Kb / 9P
   Adjustable PWM Buck Controller for LCD PCs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
FAN5234 FAIRCHILD-FAN5234 Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
More results

Similar Description - FAN5230QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
FAN5235 FAIRCHILD-FAN5235 Datasheet
85Kb / 15P
   System Electronics Regulator for Mobile PCs
logo
EPCOS
B4150 EPCOS-B4150_1 Datasheet
93Kb / 10P
   Low Loss Filter for Mobile Telephone PCS system
logo
Mitsubishi Electric Sem...
MF1082V-2 MITSUBISHI-MF1082V-2 Datasheet
64Kb / 1P
   FOR PCS MOBILE TELEPHONE, Tx
MF1081V-2 MITSUBISHI-MF1081V-2 Datasheet
63Kb / 1P
   FOR PCS MOBILE TELEPHONE, Rx
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
   Precision Clock Synthesizer for Mobile PCs
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
logo
Toshiba Semiconductor
TPCA8081 TOSHIBA-TPCA8081 Datasheet
238Kb / 9P
   Notebook PCs Mobile Handsets
TPCA8082 TOSHIBA-TPCA8082 Datasheet
234Kb / 9P
   Notebook PCs Mobile Handsets
TPC8087 TOSHIBA-TPC8087 Datasheet
226Kb / 9P
   Notebook PCs Mobile Handsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com