Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9751G6KB25K Datasheet(PDF) 4 Page - Winbond

Part # W9751G6KB25K
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9751G6KB25K Datasheet(HTML) 4 Page - Winbond

  W9751G6KB25K Datasheet HTML 1Page - Winbond W9751G6KB25K Datasheet HTML 2Page - Winbond W9751G6KB25K Datasheet HTML 3Page - Winbond W9751G6KB25K Datasheet HTML 4Page - Winbond W9751G6KB25K Datasheet HTML 5Page - Winbond W9751G6KB25K Datasheet HTML 6Page - Winbond W9751G6KB25K Datasheet HTML 7Page - Winbond W9751G6KB25K Datasheet HTML 8Page - Winbond W9751G6KB25K Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 87 page
background image
W9751G6KB
Publication Release Date: Sep. 03, 2012
- 4 -
Revision A04
1.
GENERAL DESCRIPTION
The W9751G6KB is a 512M bits DDR2 SDRAM, organized as 8,388,608 words
 4 banks  16 bits.
This device achieves high speed transfer rates up to 1066Mb/sec/pin (DDR2-1066) for various
applications. W9751G6KB is sorted into the following speed grades: -18, -25, 25I, 25A, 25K and -3.
The -18 is compliant to the DDR2-1066 (7-7-7) specification. The -25, 25I, 25A and 25K grade parts
are compliant to the DDR2-800 (5-5-5) or DDR2-800 (6-6-6) specification (the 25I industrial grade
which is guaranteed to support -40°C
≤ TCASE ≤ 95°C). The -3 is compliant to the DDR2-667 (5-5-5)
specification.
The automotive grade parts temperature, if offered, has two simultaneous requirements: ambient
temperature (TA) surrounding the device cannot be less than -40°C or greater than +95°C (for 25A),
+105°C (for 25K), and the case temperature (TCASE) cannot be less than -40°C or greater than +95°C
(for 25A), +105°C (for 25K). JEDEC specifications require the refresh rate to double when TCASE
exceeds +85°C; this also requires use of the high-temperature self refresh option. Additionally, ODT
resistance and the input/output impedance must be derated when TCASE is < 0°C or > +85°C.
All of the control and address inputs are synchronized with a pair of externally supplied differential
clocks. Inputs are latched at the cross point of differential clocks (CLK rising and CLK falling). All
I/Os are synchronized with a single ended DQS or differential DQS- DQS pair in a source
synchronous fashion.
2.
FEATURES
Power Supply: VDD, VDDQ = 1.8 V
 0.1V
Double Data Rate architecture: two data transfers per clock cycle
CAS Latency: 3, 4, 5, 6 and 7
Burst Length: 4 and 8
Bi-directional, differential data strobes (DQS and DQS ) are transmitted / received with data
Edge-aligned with Read data and center-aligned with Write data
DLL aligns DQ and DQS transitions with clock
Differential clock inputs (CLK and CLK )
Data masks (DM) for write data
Commands entered on each positive CLK edge, data and data mask are referenced to both edges
of DQS
Posted CAS programmable additive latency supported to make command and data bus efficiency
Read Latency = Additive Latency plus CAS Latency (RL = AL + CL)
Off-Chip-Driver impedance adjustment (OCD) and On-Die-Termination (ODT) for better signal
quality
Auto-precharge operation for read and write bursts
Auto Refresh and Self Refresh modes
Precharged Power Down and Active Power Down
Write Data Mask
Write Latency = Read Latency - 1 (WL = RL - 1)
Interface: SSTL_18
Packaged in WBGA 84 Ball (8X12.5 mm
2), using Lead free materials with RoHS compliant


Similar Part No. - W9751G6KB25K

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
W9751G6KB25I MICROCHIP-W9751G6KB25I Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results

Similar Description - W9751G6KB25K

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com