Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFM21CC222R1H3 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # NFM21CC222R1H3
Description  SMD/BLOCK Type EMI Suppression Filters
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM21CC222R1H3 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button NFM21CC222R1H3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFM21CC222R1H3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFM21CC222R1H3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NFM21CC222R1H3 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NFM21CC222R1H3 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NFM21CC222R1H3 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. NFM21CC222R1H3 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. NFM21CC222R1H3 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. NFM21CC222R1H3 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
110
Meet 6A, T-type filter with built-in ferrite bead.
NFE31PSeries (1206 Size)
NFE Series
Universal Type [Power Lines/Signal Lines] Chip EMIFILr
s Dimensions
s Equivalent Circuit
s Packaging
s Insertion Loss Characteristics (Main Items)
s Rated Value (p: packaging code)
Refer to pages from p.139 to p.144 for mounting information.
NFE31P
Code
Packaging
Minimum
Quantity
L
180mm Reel Embossed Tape
2000
K
330mm Reel Embossed Tape
8000
B
Bulk(Bag)
500
Part Number
Capacitance
Rated Current
Rated Voltage
Insulation
Resistance
(min.)
Operating
Temperature Range
NFE31PT220R1E9p
22pF+30%-30%
6A
25Vdc
1000M ohm
-40
°C to +85°C
NFE31PT470C1E9p
47pF+50%-20%
6A
25Vdc
1000M ohm
-40
°C to +85°C
NFE31PT101C1E9p
100pF+80%-20%
6A
25Vdc
1000M ohm
-40
°C to +85°C
NFE31PT221D1E9p
220pF+50%-20%
6A
25Vdc
1000M ohm
-40
°C to +85°C
NFE31PT471F1E9p
470pF+50%-20%
6A
25Vdc
1000M ohm
-40
°C to +85°C
NFE31PT152Z1E9p
1500pF+50%-20%
6A
25Vdc
1000M ohm
-40
°C to +85°C
NFE31PT222Z1E9p
2200pF+50%-50%
6A
25Vdc
1000M ohm
-40
°C to +85°C
Number of Circuit: 1
1.0
±0.2
0.7
±0.2
3.2
±0.35
1.6
±0.15
0.7
±0.2
(1)
(2)
(3)
(in mm)
: Electrode
Frequency (MHz)
(50
Ω - 50Ω)
0
10
20
30
40
60
50
1
10
100
1000 2000
NFE31PT101C1E9
NFE31PT221D1E9
NFE31PT471F1E9
NFE31PT152Z1E9
NFE31PT222Z1E9
NFE31PT220R1E9
NFE31PT470C1E9
Input
Output
GND
No polarity.
(1)
(3)
(2)


Similar Part No. - NFM21CC222R1H3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM21CC222R1H3 MURATA-NFM21CC222R1H3 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
NFM21CC222R1H3 MURATA-NFM21CC222R1H3 Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM21CC222R1H3 MURATA-NFM21CC222R1H3 Datasheet
45Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC222R1H3 MURATA-NFM21CC222R1H3 Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC222R1H3B MURATA-NFM21CC222R1H3B Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines NFM21C Series (0805 Size)
More results

Similar Description - NFM21CC222R1H3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com