Electronic Components Datasheet Search |
|
NFM3DCC220U1H3 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd. |
|
NFM3DCC220U1H3 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd. |
7 / 48 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C31E.pdf Mar.28,2011 106 Part Numbering NFp Chip EMIFILr RC Combined (Part Number) t 470 y 470 q NF r GD e 21 2 ui L w R eDimensions (LgW) Code 2.0g1.25mm 3.2g1.6mm Dimensions (LgW) 21 31 qProduct ID NF Chip EMIFILr Product ID wStructure R A RC Combined Type RC Combined Array Type Code Structure iPackaging L B D Embossed Taping (ø180mm Reel) Bulk Paper Taping (ø180mm Reel) Code Packaging NFR All Series NFAppGD Series 2 Sn Plating Code Electrode tCapacitance Expressed by three figures. The unit is in pico-farad (pF). The first and second figures are significant digits, and the third figure expresses the number of zeros which follow the two figures. rFeatures Code RC Combined Type for Signal Lines Features GD yResistance Expressed by three-digit alphanumerics. The unit is in ohm ( Ω). The first and second figures are significant digits, and the third figure expresses the number of zeros which follow the two figures. If there is a decimal point, it is expressed by the capital letter " R". In this case, all figures are significant digits. uElectrode/Others (NFR Series) 4 4 Circuits Code Number of Circuits uNumber of Circuits (NFAppGD Series) 0805 1206 EIA LC Combined (2) (Part Number) t 207 q NF y X r SL e 21 w A u 1A i 4 o 5 !0 L eDimensions (LgW) Code 1.6g0.8mm 2.0g1.25mm Dimensions (LgW) 0603 0805 EIA 18 21 qProduct ID NF Chip EMIFILr Product ID wStructure A Array Type Code Structure rFeatures (1) Code L Circuit for Signal Lines L Circuit for Differential Signal Features SL SD tCut-off Frequency Expressed by three figures. The unit is in hertz (Hz). The first and second figures are significant digits, and the third figure expresses the number of zeros which follow the two figures. yFeatures (2) X V Expressed by a letter Code Features oDimensions (T) 5 8 Low Profile Standard Code Dimensions (T) !0Packaging B L Bulk Embossed Taping (ø180mm Reel) Code Packaging 4 4 Circuits Code Number of Circuits uRated Voltage 1A 10V Code Rated Voltage iNumber of Circuits |
Similar Part No. - NFM3DCC220U1H3 |
|
Similar Description - NFM3DCC220U1H3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |