Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DOS_H_16-12T Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # DOS_H_16-12T
Description  POINT OF LOAD DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

DOS_H_16-12T Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  DOS_H_16-12T Datasheet HTML 1Page - Power Mate Technology Co., LTD DOS_H_16-12T Datasheet HTML 2Page - Power Mate Technology Co., LTD DOS_H_16-12T Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.pduke.com
2013/5/3
DOS(H)16-12T SERIES
POINT OF LOAD
DC-DC CONVERTER
OUTPUT SPECIFICATIONS
Output current
16A max
Voltage accuracy
± 2%Vout(set)
Minimum load
0%
Line regulation
Vin=Vin(min) to Vin(max)
at Full Load
± 0.3%Vout(set)
Load regulation
No Load to Full Load
± 0.4%Vout(set)
Ripple and noise (Note2) 20MHz bandwidth
30mVrms,max
75mVp-p,max
Temperature coefficient
±0.4%
ΔIo /Δt = 2.5A/µs ,Vin(nom) Peak deviation
200mV
Dynamic load
response
(Note 2)
Load change step
(50% to 100% or
100% to 50% of Io(max))
Setting time
(Vout<10%peak
deviation)
25µs
ΔIo /Δt = 2.5A/µs ,Vin(nom) Peak deviation
100mV
Dynamic load
response
(Note 3)
Load change step
(50% to 100% or
100% to 50% of Io(max))
Setting time
(Vout<10%peak
deviation)
50µs
Output current limit
180%
Output short-circuit current
Continuous, automatics recovery
External load capacitance
ESR
≧1mΩ
ESR
≧10mΩ
1000µF,max
5000µF,max
Output voltage overshoot-startup
Vin=Vin(min) to Vin(max)
F.L.
1%Vout(set)
Voltage adjustability (see fig.1)
(Note 4)
0.7525V ~ 5.0V
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
None
Switching frequency
300kHz±10%
Design meets safety standard
IEC60950-1, UL60950-1, EN60950-1
Dimensions
SMD
SIP
1.30 X 0.53 X 0.30 Inch
(33.0 X 13.5 X 7.7 mm)
2.00 X 0.50 X 0.28 Inch
(50.8 X 12.7 X 7.2 mm)
Weight
6.0g(0.22oz)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
1.409 x 10
7 hrs
6.704 x 10
5 hrs
INPUT SPECIFICATIONS
Input voltage range
Vout(set)
≦3.63V
Vout(set) >3.63V
Vin(nom) =12V
8.3 ~ 14VDC
8.3 ~ 13.2VDC
Maximum input current
Vin=8.3 to 14.0VDC; Io=Io(max)
10A
Input filter (Note 5)
C filter
Input no load current
(Vin=12V, Io=0, module enabled)
Vout(set) =0.75VDC
Vout(set) =5.0VDC
40mA
100mA
Input under voltage lockout
Start-up voltage
Shutdown voltage
7.9VDC
7.8VDC
Input reflected ripple current
5~20MHz, 1µH source impedance
30mAp-p
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
–40ºC ~ +85ºC(with derating)
Storage temperature range
–55ºC ~ +125ºC
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity(non-condensing)
5% to 95% RH
Lead-free reflow solder process
IPC J-STD-020D
Moisture sensitivity level(MSL)
IPC J-STD-033B
Level 2a
Over temperature protection
125ºC
FEATURE SPECIFICATIONS
Remote ON/OFF(Note 6)
Negative logic(standard)
Positive logic(option)
ON = Open or 0V < Vr < 0.3V
OFF =2.5V < Vr < Vin(max)
ON = Open or (Vin-4) < Vr < Vin(max)
OFF=0V < Vr < 0.3V
IIN=10µA,max
IIN=1mA,max
IIN=10µA,max
IIN=1mA,max
Input current of Remote control pin
10µA~1.0mA
Remote off state input current
Nominal Input
2.0mA
Remote sense range
0.5V,max
Rise time
Time for Vout to rise from 10% to 90%of Vout(set)
6ms,max.
Turn-on delay time
Case 1 (Note 7)
Case 2 (Note 8)
3ms
3ms
T E C H N I C A L S P E C I F I C A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Distributed Power Architectures
Semiconductor Equipment
Microprocessor Power Applications
FEATURES
OUTPUT CURRENT UP TO 16A
SMALL SIZE AND LOW PROFILE :
1.30” X 0.53” X 0.30” (SMD) ; 2.00” X 0.50” X 0.28” (SIP)
HIGH EFFICIENCY UP TO 92% @ 3.3V FULL LOAD
INPUT RANGE FROM 8.3VDC TO 14.0VDC
FIXED SWITCHING FREQUENCY (300KHZ)
SMD & SIP PACKAGES
SMD PACKAGE QUALIFIED FOR LEADFREE REFLOW SOLDER
PROCESS ACCORDING IPC J-STD-020D
OUTPUT VOLTAGE PROGRAMMABLE FROM 0.75VDC TO 5.0VDC
VIA EXTERNAL RESISTOR
INPUT UNDER-VOLTAGE PROTECTION
SAFETY MEETS UL60950-1, EN60950-1 AND IEC60950-1
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2011/65/EU
OPTIONS
POSITIVE LOGIC REMOTE ON/OFF
DESCRIPTION
DOS16-12T (SMD type), DOH16-12T (for Vertical Mounting SIP type) and
DOH16-12TA (for Horizontal Mounting SIP type) are non-isolated DC/DC
converters that can deliver up to 16A of output current with full load efficiency of
92% at 3.3V output.


Similar Part No. - DOS_H_16-12T

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DOS_H_10-05T P-DUKE-DOS_H_10-05T Datasheet
712Kb / 3P
   POINT OF LOAD DC DE CONVERTER
DOS_H_10-12T P-DUKE-DOS_H_10-12T Datasheet
770Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
More results

Similar Description - DOS_H_16-12T

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DOS16-05T P-DUKE-DOS16-05T_14 Datasheet
697Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOS_H P-DUKE-DOS_H_30 Datasheet
648Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOH06-05T P-DUKE-DOH06-05T_14 Datasheet
745Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOH06-12T P-DUKE-DOH06-12T_14 Datasheet
704Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOH10-05T P-DUKE-DOH10-05T_14 Datasheet
696Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOH10-12T P-DUKE-DOH10-12T_14 Datasheet
754Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOS10-12T P-DUKE-DOS10-12T_14 Datasheet
754Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOS10-05T P-DUKE-DOS10-05T_14 Datasheet
696Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOH16-12T P-DUKE-DOH16-12T_14 Datasheet
775Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOS06-05T P-DUKE-DOS06-05T_14 Datasheet
745Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com