Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7554 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN7554
Description  Versatile PWM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7554 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN7554 Datasheet HTML 7Page - Fairchild Semiconductor FAN7554 Datasheet HTML 8Page - Fairchild Semiconductor FAN7554 Datasheet HTML 9Page - Fairchild Semiconductor FAN7554 Datasheet HTML 10Page - Fairchild Semiconductor FAN7554 Datasheet HTML 11Page - Fairchild Semiconductor FAN7554 Datasheet HTML 12Page - Fairchild Semiconductor FAN7554 Datasheet HTML 13Page - Fairchild Semiconductor FAN7554 Datasheet HTML 14Page - Fairchild Semiconductor FAN7554 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
FAN7554
11
Gate Driver
The gate drive circuit has the totem-pole output configuration. The output has 1A peak current and 200mA average current
drive ability.
ON/OFF Control
The FAN7554 is able to use the feedback pin for ON/OFF control by placing NPN transistor between the cathode of the
KA431 and ground as shown in figure 19. When the transistor turns on, the current flows through the photo diode and
saturates the photo transistor. As a result, the feedback voltage is dropped to zero. When the feedback voltage is below 0.3V,
the soft start voltage starts to discharge by connecting the internal resistor 1k
Ω in parallel with the external capacitor Cs. When
the soft start voltage becomes less than 1.5V, all the blocks in the FAN7554 are turned off , with the exceptions of the UVLO
block and ON/OFF control block. The operation current is about 200uA. So the stand-by power is reduced and SMPS
efficiency is improved. When the feedback voltage exceeds 0.3V, the FAN7554 normally operates by turning on Vref block.
Figure 17-B . Delayed Shutdown & Feedback Waveform
t
Vfb
Slope (dv/dt) = 5uA / Cfb
3V
6V
Shutdown start point
t2
t1
t
Vfb
Slope (dv/dt) = 5uA / Cfb
3V
6V
Shutdown start point
t2
t1
Figure 18. Gate Drive Circuit
DRAIN
FAN7554
OUT
7
6
Clock
Shutdown
Q
DRAIN
FAN7554
OUT
7
6
Clock
Shutdown
Q
FAN7554
OUT
7
6
Clock
Shutdown
Q


Similar Part No. - FAN7554

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7554 FAIRCHILD-FAN7554 Datasheet
990Kb / 22P
   Versatile PWM Controller
logo
ON Semiconductor
FAN7554 ONSEMI-FAN7554 Datasheet
1Mb / 21P
   Versatile PWM Controller
Rev. 4.1
logo
Fairchild Semiconductor
FAN7554D FAIRCHILD-FAN7554D Datasheet
990Kb / 22P
   Versatile PWM Controller
FAN7554 FAIRCHILD-FAN7554_03 Datasheet
990Kb / 22P
   Versatile PWM Controller
More results

Similar Description - FAN7554

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7554 FAIRCHILD-FAN7554_03 Datasheet
990Kb / 22P
   Versatile PWM Controller
logo
ON Semiconductor
FAN7554 ONSEMI-FAN7554 Datasheet
1Mb / 21P
   Versatile PWM Controller
Rev. 4.1
logo
BCD Semiconductor Manuf...
AP3103 BCDSEMI-AP3103 Datasheet
797Kb / 14P
   VERSATILE COST EFFECTIVE GREEN PWM CONTROLLER
logo
List of Unclassifed Man...
DMC1500 ETC-DMC1500 Datasheet
1Mb / 67P
   versatile digital motor controller
logo
Analog Devices
ADP1050 AD-ADP1050 Datasheet
1Mb / 93P
   Versatile digital voltage mode controller
logo
Taiwan Semiconductor Co...
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
   PWM Controller
logo
SANYO DENKI CO., LTD.
9PC8666X-S001 SANYODENKI-9PC8666X-S001 Datasheet
371Kb / 4P
   PWM Controller
logo
ON Semiconductor
FAN6756 ONSEMI-FAN6756 Datasheet
1Mb / 21P
   PWM Controller
Rev. 2.0.0
logo
TOKO, Inc
TK75001 TOKO-TK75001 Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75003 TOKO-TK75003 Datasheet
108Kb / 14P
   PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com