Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7563 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN7563
Description  Lithium-Ion Charger Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7563 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN7563 Datasheet HTML 1Page - Fairchild Semiconductor FAN7563 Datasheet HTML 2Page - Fairchild Semiconductor FAN7563 Datasheet HTML 3Page - Fairchild Semiconductor FAN7563 Datasheet HTML 4Page - Fairchild Semiconductor FAN7563 Datasheet HTML 5Page - Fairchild Semiconductor FAN7563 Datasheet HTML 6Page - Fairchild Semiconductor FAN7563 Datasheet HTML 7Page - Fairchild Semiconductor FAN7563 Datasheet HTML 8Page - Fairchild Semiconductor FAN7563 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
FAN7563/FAN7564
5
Electrical Characteristic (Continued) (FAN7564)
(VCC = 6V, Ta= 25
°C,for min/max values Ta is the operating juntion temperature range that applies (NOTE 1),
unless otherwise noted.)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
TOTAL DEVICE
Input Supply Current
ICC
VCC=6V, Iload=1mA, IO=0A
-
-
3
mA
REFERENCE SECTION
Reference voltage
Vref
VCC=6V,Iload=50mA,Ta=25
°C 1.23 1.245 1.26
V
Full Temperature Range
1.22
1.245
1.27
REGULATOR PART
EXTERNAL OUTPUT SECTION (NOTE2)
Line Regulation
∆Vr(Ii) 6V < VCC < 15V
-
-
0.5
%max
Load Regulation
∆Vr(IO)1mA < Iload < 100mA
-
-
0.5
%max
Current Limit
ICL
VO=0V
110
-
-
mA
Output Voltage
VO
VCC=6V, Iload=50mA,
Ta=25
°C
4.95
5.0
5.05
V
Full Temperature Range
4.9
5.0
5.1
1mA < Iload < 100mA
Full Temperature Range
4.88
5.0
5.12
INTERNAL DRIVE SECTION
LDODRV Sink Current
Idrv
VCC=6V
-
-
2
mA
ERROR COMPARATOR SECTION
Output Low Voltage
VOL
VCC=(VO-0.5)V, IOL=500
µA
-
150
400
mV
High Threshold Voltage
Vth
-
-
4.8
4.9
V
Low Threshold Voltage
Vtl
-
4.64
4.74
-
V
Hysteresis1
Vhys1
-
-
0.1
-
mV
CONTROL PART
UVLO Section
High Threshold Voltage
Vth(H)
-
-
2.5
2.6
V
Low Threshold Voltage
Vth(L)
-
2.3
2.4
-
Hysteresis 2
Vhys1
-
-
60
-
VOLTAGE SENSE SECTION
Voltage Sense
Threshold Voltage
Vvsen
VCC = 6V, Ta = 25
°C
1.23
1.245
1.26
V
Full Temperature Range
1.22
1.245
1.27
Threshold Voltage
Temperature Coefficient
∆Vvsen/
∆T
--
±0.01
-
%/
°C
Input Bias Current
Ii
-
-
40
-
nA
Transconductance
gm (V)
-
-
1
-
S
CURRENT SENSE SECTION
Current Sense Threshold voltage
Visen
VCC = 6V, Ta=25
°C
-190
-200
-210
mV
Full Temperature Range
-
0
-
mV/
°C
Transconductance
gm
-
-
1
-
S
Current Reference Voltage
Viref
Rpin12=25K
Ω, Ta=25°C
1.23
1.245
1.26
V
Full Temperature Range
1.22
1.245
1.27


Similar Part No. - FAN7563

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7527 FAIRCHILD-FAN7527 Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
403Kb / 12P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN7527BM FAIRCHILD-FAN7527BM Datasheet
395Kb / 12P
   Power Factor Correction Controller
More results

Similar Description - FAN7563

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3620 NSC-LM3620 Datasheet
139Kb / 6P
   Lithium-Ion Battery Charger Controller
logo
Texas Instruments
LM3622 TI1-LM3622 Datasheet
892Kb / 15P
[Old version datasheet]   Lithium-Ion Battery Charger Controller
logo
National Semiconductor ...
LM3622 NSC-LM3622 Datasheet
171Kb / 9P
   Lithium-Ion Battery Charger Controller
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.4 LINER-LTC1731-8.4_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-8.4 LINER-LTC1732-8.4_15 Datasheet
160Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com