Electronic Components Datasheet Search |
|
NJM78L20A Datasheet(PDF) 3 Page - New Japan Radio |
|
NJM78L20A Datasheet(HTML) 3 Page - New Japan Radio |
3 / 8 page NJM78L00 - 3 - Ver.2003-07-18 ■ ELECTRICAL CHARACTERISTICS(CIN=0.33µF, CO=0.1µF, Tj=25°C) Measurement is to be conducted is pulse testing. PARAMETER SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT NJM78L06A Output Voltage VO VIN=12V, IO=40mA 5.7 6.0 6.3 V Line Regulation 1 ∆VO-VIN1 VIN=8.5V to 20V, IO=40mA - - 200 mV Line Regulation 2 ∆VO-VIN2 VIN=9V to 20V, IO=40mA - - 150 mV Load Regulation 1 ∆VO-IO1 VIN=12V, IO=1 to 40mA - - 40 mV Load Regulation 2 ∆VO-IO2 VIN=12V, IO=1 to 100mA - - 80 mV Quiescent Current IQ VIN=12V, IO=0mA - 2.0 6 mA Average Temperature Coefficient of Output Voltage ∆VO/∆T VIN=12V, IO=1mA - 0.5 - mV/°C Ripple Rejection RR 9V< VIN <20V, IO=40mA, ein=1VP-P, f=120Hz 40 67 - dB Output Noise Voltage VNO VIN=12V, BW=10Hz to 100kHz, IO=40mA - 80 - µV NJM78L62A(*2) Output Voltage VO VIN=12.2V, IO=40mA 5.89 6.2 6.51 V Line Regulation 1 ∆VO-VIN1 VIN=8.7V to 20.2V, IO=40mA - - 200 mV Line Regulation 2 ∆VO-VIN2 VIN=9.2V to 20.2V, IO=40mA - - 150 mV Load Regulation 1 ∆VO-IO1 VIN=12.2V, IO=1 to 40mA - - 40 mV Load Regulation 2 ∆VO-IO2 VIN=12.2V, IO=1 to 100mA - - 85 mV Quiescent Current IQ VIN=12.2V, IO=0mA - 2.0 6 mA Average Temperature Coefficient of Output Voltage ∆VO/∆T VIN=12.2V, IO=1mA - 0.5 - mV/°C Ripple Rejection RR 9.2V< VIN <20.2V, IO=40mA, ein=1VP-P, f=120Hz 40 67 - dB Output Noise Voltage VNO VIN=12.2V, BW=10Hz to 100kHz, IO=40mA - 85 - µV NJM78L07A Output Voltage VO VIN=13V, IO=40mA 6.65 7.0 7.35 V Line Regulation 1 ∆VO-VIN1 VIN=9.5V to 22V, IO=40mA - - 210 mV Line Regulation 2 ∆VO-VIN2 VIN=10V to 22V, IO=40mA - - 160 mV Load Regulation 1 ∆VO-IO1 VIN=13V, IO=1 to 40mA - - 45 mV Load Regulation 2 ∆VO-IO2 VIN=13V, IO=1 to 100mA - - 90 mV Quiescent Current IQ VIN=13V, IO=0mA - 2.1 6 mA Average Temperature Coefficient of Output Voltage ∆VO/∆T VIN=13V, IO=1mA - 0.55 - mV/°C Ripple Rejection RR 10V< VIN <20V, IO=40mA, ein=1VP-P, f=120Hz 39 66 - dB Output Noise Voltage VNO VIN=13V, BW=10Hz to 100kHz, IO=40mA - 100 - µV NJM78L08A Output Voltage VO VIN=14V, IO=40mA 7.6 8.0 8.4 V Line Regulation 1 ∆VO-VIN1 VIN=10.5V to 23V, IO=40mA - - 225 mV Line Regulation 2 ∆VO-VIN2 VIN=11V to 23V, IO=40mA - - 175 mV Load Regulation 1 ∆VO-IO1 VIN=14V, IO=1 to 40mA - - 50 mV Load Regulation 2 ∆VO-IO2 VIN=14V, IO=1 to 100mA - - 100 mV Quiescent Current IQ VIN=14V, IO=0mA - 2.1 6 mA Average Temperature Coefficient of Output Voltage ∆VO/∆T VIN=14V, IO=1mA - 0.6 - mV/°C Ripple Rejection RR 11V< VIN <20V, IO=40mA, ein=1VP-P, f=120Hz 39 66 - dB Output Noise Voltage VNO VIN=14V, BW=10Hz to 100kHz, IO=40mA - 115 - µV (*1) : SOT-89 package only. (*2) : TO-92 package only. (*3) : SOT-89, TO-92, EMP8 |
Similar Part No. - NJM78L20A |
|
Similar Description - NJM78L20A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |