Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA9268 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # KA9268
Description  4-CH Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA9268 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button KA9268 Datasheet HTML 5Page - Fairchild Semiconductor KA9268 Datasheet HTML 6Page - Fairchild Semiconductor KA9268 Datasheet HTML 7Page - Fairchild Semiconductor KA9268 Datasheet HTML 8Page - Fairchild Semiconductor KA9268 Datasheet HTML 9Page - Fairchild Semiconductor KA9268 Datasheet HTML 10Page - Fairchild Semiconductor KA9268 Datasheet HTML 11Page - Fairchild Semiconductor KA9268 Datasheet HTML 12Page - Fairchild Semiconductor KA9268 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
FAN8000D (KA9268D)
11
Test Circuits
1
2
3
4
5
10
6
7
8
9
11
12
13
14
15
16
17
18
19
20
21
22
23
24
26
27
28
25
50k
10
µF PC-V
+
1k
OPI
SW15
1k
SW16
470
µF
50k
10k
1M
+
V
SW17
SW8
0
1
2
SW9
0
1
2
4
V
8
SW10
10
µF
+
DR3
VCC
2.5V
DR4
10
µF
+
SW13
SW12
SW11
0
12
4
8
4
0
12
SW3
4
8
4
V
1
2
0
SW2
SW1
DR1
+
10
µF
Pin 21, 22
KS8772
IL
+
100
µF
MUTE
SW4
1
2
+
10
µF
DR2
V
SW7
4
SW5
SW6
0
1
2
4
2
1
0
1
0
2
1000
µF
1
Open
Short
+
1M
10k
2
3
SW14
F
A
N
8
0
0
0
DO1.1
DO1.2
DI1.1
DI1.2
VREF
REO
MUTE
GND
DI2.1
DI2.2
DO2.1
DO2.2
GND2
OPOUT
GND3
DO4.2
DO4.1
DI4.2
DI4.1
Vref
VCC2
VCC1
DI3.2
DI3.1
DO3.2
DO3.1
OPIN(+)
OPIN(
−)
D


Similar Part No. - KA9268

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA9260CD FAIRCHILD-KA9260CD Datasheet
295Kb / 15P
   5-CHANNEL MOTOR DRIVER
KA9260CDTF FAIRCHILD-KA9260CDTF Datasheet
295Kb / 15P
   5-CHANNEL MOTOR DRIVER
KA9260D FAIRCHILD-KA9260D Datasheet
295Kb / 15P
   5-CHANNEL MOTOR DRIVER
More results

Similar Description - KA9268

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8006D3 FAIRCHILD-FAN8006D3 Datasheet
243Kb / 14P
   4-CH Motor Driver
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
   4-CH Motor Driver
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
KA9258D FAIRCHILD-KA9258D Datasheet
606Kb / 14P
   4-CH MOTOR DRIVER
logo
List of Unclassifed Man...
D9258PH ETC-D9258PH Datasheet
461Kb / 11P
   4-CH MOTOR DRIVER
logo
Fairchild Semiconductor
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
FAN8045G3 FAIRCHILD-FAN8045G3 Datasheet
237Kb / 16P
   4-CH Motor Driver (5 Input & 4 Output)
logo
Richtek Technology Corp...
RT8750 RICHTEK-RT8750 Datasheet
436Kb / 21P
   42 CH Motor Driver for DSC
logo
Fairchild Semiconductor
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com