Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6453UT26S Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6453UT26S
Description  Supervisors with Separate VCC Reset and Manual Reset Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6453UT26S Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6453UT26S Datasheet HTML 1Page - Maxim Integrated Products MAX6453UT26S Datasheet HTML 2Page - Maxim Integrated Products MAX6453UT26S Datasheet HTML 3Page - Maxim Integrated Products MAX6453UT26S Datasheet HTML 4Page - Maxim Integrated Products MAX6453UT26S Datasheet HTML 5Page - Maxim Integrated Products MAX6453UT26S Datasheet HTML 6Page - Maxim Integrated Products MAX6453UT26S Datasheet HTML 7Page - Maxim Integrated Products MAX6453UT26S Datasheet HTML 8Page - Maxim Integrated Products MAX6453UT26S Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX6453–MAX6456 are low-power, dual-voltage
µP supervisors featuring separate VCC reset and manu-
al reset outputs. The dual outputs support both soft-
system reset (interrupt) and hard-system reset (reboot)
functions. The reset output asserts when any of the
monitored voltages falls below its specified threshold
and remains asserted for the reset timeout (140ms min)
after all voltages exceed their respective reset thresh-
olds. All devices are offered with nine factory-fixed
reset thresholds for monitoring primary system voltages
(VCC) from 1.8V to 5V and an adjustable reset input for
monitoring a secondary system voltage down to 0.63V.
Each device has a manual reset input, a VCC reset out-
put, and a manual reset output. The MAX6453/
MAX6454 manual reset output asserts when the manual
reset input is low. It remains asserted for the manual
reset timeout period (140ms min) after the manual reset
input transitions high. The MAX6453/MAX6354 manual
reset input controls only the manual reset output and
does not affect the VCC reset output.
The manual reset input of the MAX6455/MAX6456 con-
trols both the manual reset and VCC reset outputs. When
the manual reset input is low for less than the extended
setup timeout period, only the manual reset output
asserts and remains asserted for the manual reset time-
out period (140ms min) after the manual reset input tran-
sitions high. If the manual reset input is low for at least
the extended setup timeout period, the reset output also
asserts and remains asserted for the reset timeout peri-
od (140ms min) after the manual reset input transitions
high. This enhanced feature allows the implementation of
a soft/hard-system reset combination.
The MAX6453/MAX6455 have active-low, push-pull
reset and manual reset outputs, and the MAX6454/
MAX6456 have active-low, open-drain reset and manu-
al reset outputs. All devices are available in small
SOT23-6 packages and are fully specified over the
extended temperature range (-40°C to +85°C).
Applications
Set-Top Boxes
Consumer Electronics
DVD Players
Cable/DSL Modems
MP3 Players
Industrial Equipment
Automotive
Medical Devices
Features
♦ Precision Factory-Set Reset Thresholds From
1.6V to 4.6V
♦ Adjustable Threshold to Monitor Voltages Down
to 0.63V
♦ Manual Reset Input with Extended Setup Period
♦ Immune to Short Voltage Transients
♦ Low 6µA Supply Current
♦ Guaranteed Valid Reset Down to VCC = 1.0V
♦ Active-Low RESET (Push-Pull or Open-Drain)
Outputs
♦ 140ms (min) Reset Timeout Period
♦ Small SOT Package
µP Supervisors with Separate VCC Reset and
Manual Reset Outputs
________________________________________________________________ Maxim Integrated Products
1
GND
VCC
MROUT
16
MR
5
RSTIN
RESET
MAX6453
MAX6454
SOT23-6
TOP VIEW
2
34
GND
VCC
MROUT
16
MR
5
RSTIN
RESET
MAX6455
MAX6456
SOT23-6
2
34
Pin Configurations
Ordering Information
19-2637; Rev 3; 6/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX6453UT_ _ _-T
-40°C to +85°C
6 SOT23
MAX6454UT_ _ _-T
-40°C to +85°C
6 SOT23
MAX6455UT_ _ _-T
-40°C to +85°C
6 SOT23
MAX6456UT_ _ _-T
-40°C to +85°C
6 SOT23
Note: The first “_ _” is a placeholder for the threshold voltage
level of the devices. A desired threshold level is set by the part
number suffix found in Table 1. The third “_” is a placeholder for
the manual reset setup period of the devices. A desired setup
period is set by the letter suffix found in Table 2. All devices are
available in tape-and-reel only. There is a 2500-piece minimum
order increment for standard versions (Table 2). Sample stock
is typically held on standard versions only. Nonstandard ver-
sions require a minimum order increment of 10,000 pieces.
Contact factory for availability.
Devices are available in both leaded and lead(Pb)-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
Selector Guide appears at end of data sheet.


Similar Part No. - MAX6453UT26S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6453UT26S MAXIM-MAX6453UT26S Datasheet
189Kb / 10P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 1; 4/03
More results

Similar Description - MAX6453UT26S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
MAX6453 MAXIM-MAX6453 Datasheet
189Kb / 10P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 1; 4/03
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Maxim Integrated Produc...
MAX16143 MAXIM-MAX16143 Datasheet
219Kb / 14P
   High-Voltage Supervisors with Manual Reset Input
2021
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com