Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6456UT16S Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6456UT16S
Description  Supervisors with Separate VCC Reset and Manual Reset Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6456UT16S Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6456UT16S Datasheet HTML 1Page - Maxim Integrated Products MAX6456UT16S Datasheet HTML 2Page - Maxim Integrated Products MAX6456UT16S Datasheet HTML 3Page - Maxim Integrated Products MAX6456UT16S Datasheet HTML 4Page - Maxim Integrated Products MAX6456UT16S Datasheet HTML 5Page - Maxim Integrated Products MAX6456UT16S Datasheet HTML 6Page - Maxim Integrated Products MAX6456UT16S Datasheet HTML 7Page - Maxim Integrated Products MAX6456UT16S Datasheet HTML 8Page - Maxim Integrated Products MAX6456UT16S Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
µP Supervisors with Separate VCC Reset and
Manual Reset Outputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 1.0V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MR to VCC Pullup Impedance
25
50
75
k
Ω
VCC
≥ 1.00V, ISINK = 50µA, outputs
asserted
0.3
VCC
≥ 1.20V, ISINK = 100µA, outputs
asserted
0.3
VCC
≥ 2.55V, ISINK = 1.2mA, outputs
asserted
0.3
RESET, MROUT Output Low
(Open Drain or Push-Pull)
VOL
VCC
≥ 4.25V, ISINK = 3.2mA, outputs
asserted
0.4
V
VCC
≥ 1.80V, ISOURCE = 200µA,
outputs deasserted
0.8
× VCC
VCC
≥ 3.15V, ISOURCE = 500µA,
outputs deasserted
0.8
× VCC
RESET, MROUT Output High
(Push-Pull)
VOH
VCC
≥ 4.75V, ISOURCE = 800µA,
outputs deasserted
0.8
× VCC
V
RESET, MROUT Output
Open-Drain Leakage Current
ILKG
Outputs deasserted
1
µA
MR Input Low Voltage
VIL
0.3
× VCC
V
MR Input High Voltage
VIH
0.7
× VCC
V
Note 1: Devices production tested at TA = 25°C. Overtemperature limits are guaranteed by design.


Similar Part No. - MAX6456UT16S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6456UT MAXIM-MAX6456UT Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
MAX6456UTS-T MAXIM-MAX6456UTS-T Datasheet
189Kb / 10P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 1; 4/03
More results

Similar Description - MAX6456UT16S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
MAX6453 MAXIM-MAX6453 Datasheet
189Kb / 10P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 1; 4/03
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Maxim Integrated Produc...
MAX16143 MAXIM-MAX16143 Datasheet
219Kb / 14P
   High-Voltage Supervisors with Manual Reset Input
2021
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com