Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6456UT26S Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6456UT26S
Description  Supervisors with Separate VCC Reset and Manual Reset Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6456UT26S Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6456UT26S Datasheet HTML 1Page - Maxim Integrated Products MAX6456UT26S Datasheet HTML 2Page - Maxim Integrated Products MAX6456UT26S Datasheet HTML 3Page - Maxim Integrated Products MAX6456UT26S Datasheet HTML 4Page - Maxim Integrated Products MAX6456UT26S Datasheet HTML 5Page - Maxim Integrated Products MAX6456UT26S Datasheet HTML 6Page - Maxim Integrated Products MAX6456UT26S Datasheet HTML 7Page - Maxim Integrated Products MAX6456UT26S Datasheet HTML 8Page - Maxim Integrated Products MAX6456UT26S Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
µP Supervisors with Separate VCC Reset and
Manual Reset Outputs
_______________________________________________________________________________________
5
Pin Description
PIN
MAX6453
MAX6454
MAX6455
MAX6456
NAME
FUNCTION
1—
Active-Low Push-Pull or Open-Drain Output. RESET changes from high to low when
VCC or RSTIN drops below its selected reset threshold. RESET remains low for the
140ms (min) reset timeout period after all monitored power-supply inputs exceed their
selected reset thresholds. MR does not affect RESET output. For open-drain outputs,
connect to an external pullup resistor.
—1
RESET
Active-Low Push-Pull or Open-Drain Output. RESET changes from high to low when
VCC or RSTIN drops below its selected reset threshold. RESET remains low for the
140ms (min) reset timeout period after all monitored power-supply inputs exceed their
selected reset thresholds. RESET changes from high to low after MR input is held low
for the extended (typ) setup timeout period and deasserts 140ms (min) after MR
deasserts. For open-drain outputs, connect to an external pullup resistor.
2
2
GND
Ground
33
MROUT
Manual Reset Push-Pull or Open-Drain Output. MROUT asserts immediately after MR is
pulled low. MROUT remains low for 140ms (min) after MR is deasserted. For open-
drain outputs, connect to an external pullup resistor.
44
VCC
VCC Voltage Input. Power supply and input for the primary microprocessor voltage
reset monitor.
5
5
RSTIN
Reset Input. High-impedance input to the adjustable reset comparator. Connect RSTIN
to the center point of an external resistor divider to set the threshold of the externally
monitored voltage.
6—
Manual Reset Input. Internal 50k
Ω pullup to VCC. Pull MR low to immediately assert
MROUT. MR does not affect RESET output.
—6
MR
Manual Reset Input. Internal 50k
Ω pullup to VCC. Pull MR low to immediately assert
MROUT. RESET changes from high to low after MR input is held low for the extended
(typ) setup timeout period.


Similar Part No. - MAX6456UT26S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6456UT MAXIM-MAX6456UT Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
MAX6456UTS-T MAXIM-MAX6456UTS-T Datasheet
189Kb / 10P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 1; 4/03
More results

Similar Description - MAX6456UT26S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
MAX6453 MAXIM-MAX6453 Datasheet
189Kb / 10P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 1; 4/03
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Maxim Integrated Produc...
MAX16143 MAXIM-MAX16143 Datasheet
219Kb / 14P
   High-Voltage Supervisors with Manual Reset Input
2021
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com