Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZDT694TA Datasheet(PDF) 1 Page - Zilog, Inc.

Part # ZDT694TA
Description  SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZDT694TA Datasheet(HTML) 1 Page - Zilog, Inc.

  ZDT694TA Datasheet HTML 1Page - Zilog, Inc. ZDT694TA Datasheet HTML 2Page - Zilog, Inc. ZDT694TA Datasheet HTML 3Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SM-8 DUAL NPN MEDIUM POWER
HIGH GAIN TRANSISTORS
ISSUE 1 - NOVEMBER 1995
PARTMARKING DETAIL – T694
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
120
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
1A
Continuous Collector Current
IC
0.5
A
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNIT
Total Power Dissipation at Tamb = 25°C*
Any single die “on”
Both die “on” equally
Ptot
2.25
2.75
W
W
Derate above 25°C*
Any single die “on”
Both die “on” equally
18
22
mW/ °C
mW/ °C
Thermal Resistance - Junction to Ambient*
Any single die “on”
Both die “on” equally
55.6
45.5
°C/ W
°C/ W
* The power which can be dissipated assuming the device is mounted in a typical manner
on a PCB with copper equal to 2 inches square.
SM-8
(8 LEAD SOT223)
C1
C1
C2
C2
B1
E1
B2
E2
3 - 343
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
TYP.
MAX. UNIT CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
120
V
IC=100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
120
V
IC=10mA*
Emitter-Base Breakdown
Voltage
V(BR)EBO
5V
IE=100µA
Collector Cutoff Current
ICBO
0.1
µ
A
VCB=100V
Emitter Cutoff Current
IEBO
0.1
µ
A
VEB=4V
Collector-Emitter Saturation
Voltage
VCE(sat)
0.25
0.5
V
V
IC=0.1A, IB=0.5mA*
IC=0.4A, IB=5mA*
Base-Emitter
Saturation Voltage
VBE(sat)
0.9
V
IC=1A, IB=10mA*
Base-Emitter
Turn-On Voltage
VBE(on)
0.9
V
IC=1A, VCE=2V*
Static Forward Current
Transfer Ratio
hFE
500
400
150
IC=100mA, VCE=2V*
IC=200mA, VCE=2V*
IC=400mA, VCE=2V*
Transition Frequency
fT
130
MHz
IC=50mA, VCE=5V
f=50MHz
Input Capacitance
Cibo
200
pF
VEB=0.5V, f=1MHz
Output Capacitance
Cobo
9pF
VCB=10V, f=1MHz
Switching Times
ton
toff
80
2900
ns
ns
IC=100mA, IB1=10mA
IB2=10mA, VCC=50V
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
ZDT694
ZDT694
3 - 342


Similar Part No. - ZDT694TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZDT694TA DIODES-ZDT694TA Datasheet
70Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
ZDT694TA DIODES-ZDT694TA Datasheet
356Kb / 7P
   120V DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SM-8
More results

Similar Description - ZDT694TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZDT1048 DIODES-ZDT1048_15 Datasheet
345Kb / 6P
   SM-8 Dual NPN medium power high gain transistors
ZDT1049 DIODES-ZDT1049_15 Datasheet
72Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
ZDT1049 DIODES-ZDT1049 Datasheet
72Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
ZDT694 DIODES-ZDT694 Datasheet
70Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
ZDT1053 DIODES-ZDT1053 Datasheet
87Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
Zetex Semiconductors
ZDT1048 ZETEX-ZDT1048_07 Datasheet
335Kb / 6P
   SM-8 Dual NPN medium power high gain transistors
logo
Diodes Incorporated
ZDT1048 DIODES-ZDT1048 Datasheet
345Kb / 6P
   SM-8 Dual NPN medium power high gain transistors
ZDT694TA DIODES-ZDT694TA Datasheet
70Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
List of Unclassifed Man...
ZDT1053 ETC2-ZDT1053 Datasheet
79Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
Diodes Incorporated
ZDT6790 DIODES-ZDT6790 Datasheet
40Kb / 3P
   SM-8 COMPLEMENTARY MEDIUM POWER HIGH GAIN TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com