Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8523010VEC Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z8523010VEC
Description  ZiLOGs Family of Serial Communication Controllers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8523010VEC Datasheet(HTML) 1 Page - Zilog, Inc.

  Z8523010VEC Datasheet HTML 1Page - Zilog, Inc. Z8523010VEC Datasheet HTML 2Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8-bit Features include:
• Dual full-duplex channels (Z80230/Z85C30/Z85230)
• Single full-duplex channel (Z85233)
• Ability to accommodate a crystal oscillator, baud
rate generator, and digital phase-locked loop on
each channel
• Processing speeds up to 5Mbps
• Multi-protocol format (async, monosync, bisync,
SDLC/HDLC, SDLC/HDLC loop)
• Encodes in the follow modes: NRZI, FM0, FM1
and Manchester
• CRC-16 or CRC-CCITT error detection
• 4-byte Transmit FIFO/8-byte Receive FIFO
(Z80230/Z85230/Z85233)
• 1-byte transmit FIFO/3-byte receive FIFO (Z85C30)
16-bit Solutions
The standard and integrated universal serial controllers,
Z16C30 and the Z16C32 offer 16-bit performance, with
processing speeds up to 20 Mbps.
16-bit Features include:
• Single (Z16C32) and dual (Z16C30)
full-duplex channels
• Accommodates two baud rate generators
and one digital phase-locked loop
• Processing speeds up to 10Mbps (Z16C30)
and 20Mbps (Z16C32)
• Multi-protocol format (async, monosync,
slaved monosync, bisync, isochronous,
nine-bit, SDLC/HDLC, SDLC/HDLC loop)
(additional 16-bit features on back)
ZiLOG Sets the standards for SCCs
For over 20 years ZiLOG has set the standard for
Serial Communication Controllers. Based on the
industry acclaimed SCC core, ZiLOG offers a wide
variety of Serial Communication Controllers to meet
your application requirements.
Reduces the need for external logic
ZiLOG SCCs offer low power consumption, higher
performance, and superior noise immunity. The many
on-chip features offered in ZiLOG SCCs help dramatically
to reduce the need for external logic and code develop-
ment found in most of the competition.
8-bit Solutions
The standard serial and integrated communications
controller, Z85C30, allows you to easily implement a fully
integrated solution for many networking applications.
The enhanced dual and mono SCCs, the Z80230, Z85230
and the Z85233, include many features that make pro-
gramming easy. These parts also reduce CPU overhead,
allowing the programmer to select packet handling
response and improve cycle access recovery time.
ZiLOG’s Family of
Serial Communication Controllers
SCC


Similar Part No. - Z8523010VEC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8523010VEC ZILOG-Z8523010VEC Datasheet
1Mb / 120P
   ENHANCED SERIAL COMMUNICATIONS CONTROLLER
More results

Similar Description - Z8523010VEC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z85C3008VEC00TR ZILOG-Z85C3008VEC00TR Datasheet
637Kb / 2P
   ZiLOG?셲 Family of Serial Communication Controllers
logo
Intel Corporation
82541 INTEL-82541 Datasheet
711Kb / 46P
   Family of Gigabit Ethernet Controllers
GD82541PI INTEL-GD82541PI Datasheet
716Kb / 46P
   82541 Family of Gigabit Ethernet Controllers
logo
STCmicro Technology Co,...
STC8F STC-STC8F Datasheet
5Mb / 509P
   STC8F family of Micro-controllers Reference Manual
2020/3/9
logo
Freescale Semiconductor...
MFR4300 FREESCALE-MFR4300 Datasheet
1Mb / 266P
   FlexRay Communication Controllers
MFR4300 FREESCALE-MFR4300_07 Datasheet
1Mb / 266P
   FlexRay Communication Controllers
MFR4200 FREESCALE-MFR4200 Datasheet
1Mb / 260P
   FlexRay Communication Controllers
logo
List of Unclassifed Man...
CSE7766 ETC1-CSE7766 Datasheet
680Kb / 25P
   Baud rate of UART communication protocol of serial port is 4800bps.
logo
Future Technology Devic...
USB-COM232-PLUS4 FTDI-USB-COM232-PLUS4 Datasheet
686Kb / 23P
   The USB-COM-Plus modules are a family of communication devices
logo
Siemens Semiconductor G...
SAB82525N-V21 SIEMENS-SAB82525N-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com