Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN8035 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN8035
Description  6-CH Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8035 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN8035 Datasheet HTML 7Page - Fairchild Semiconductor FAN8035 Datasheet HTML 8Page - Fairchild Semiconductor FAN8035 Datasheet HTML 9Page - Fairchild Semiconductor FAN8035 Datasheet HTML 10Page - Fairchild Semiconductor FAN8035 Datasheet HTML 11Page - Fairchild Semiconductor FAN8035 Datasheet HTML 12Page - Fairchild Semiconductor FAN8035 Datasheet HTML 13Page - Fairchild Semiconductor FAN8035 Datasheet HTML 14Page - Fairchild Semiconductor FAN8035 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
FAN8035
11
Electrical Characteristics (Continued)
(SVCC = 5V, PVCC1 = 5V, PVCC2 = 12V, TA = 25°C, unless otherwise specified)
Note: Guaranteed field.(No EDS/Final test)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
NORMAL OP AMP CIRCUIT 1
Input Offset Voltage2
VOF2
-
-10
-
+10
mV
Input Bias Current2
IB2
-
-
-
400
nA
High Level Output Voltage2
VOH2
-4.4
4.7
-
V
Low Level Output Voltage2
VOL2
--
0.2
0.5
V
Output Sink Current2
ISINK2
RL= 50Ω
24
-
mA
Output Source Current2
ISOU2
RL= 50Ω
24
-
mA
Common Mode Input Range2*note
Vicm2
-
-0.3
-
4.0
V
Open Loop Voltage Gain2*note
GVO2
VIN = -75dB
-
80
-
dB
Ripple Rejection Ratio2*note
RR2
VIN = -20dB, f = 120Hz
-
65
-
dB
Common Mode Rejection
Ratio2*note
CMRR2
VIN = -20dB
-
80
-
dB
Slew Rate2*note
SR2
Square, Vout = 3Vp-p
-
1.5
-
V/
µs
NORMAL OP AMP CIRCUIT 2
Input Offset Voltage3
VOF3
-
-15
-
+15
mV
Input Bias Current3
IB3
-
-
-
400
nA
High Level Output Voltage3
VOH3
-3
3.8
-
V
Low Level Output Voltage3
VOL3
--
1.0
1.5
V
Output Sink Current3
ISINK3
RL = 50Ω
10
-
-
mA
Output Source Current3
ISOU3
RL = 50Ω
10
-
-
mA
Open Loop Voltage Gain3*note
GVO3
VIN = -75dB
-
80
-
dB
Ripple Rejection Ratio3*note
RR3
VIN = -20dB, f = 120Hz
-
65
-
dB
Common Mode Rejection
Ratio3*note
CMRR3
VIN = -20dB
-
80
-
dB
Slew Rate3*note
SR3
Square, Vout = 3Vp-p
-
1.5
-
V/
µs
TRAY DRIVE CIRTUIT
Input High Level Voltage
VIH
-2
-
-
V
Input Low Level Voltage
VIL
--
-
0.5
V
Output Voltage1
VO1
PVCC2 = 11V, VCTL = 3V,
RL= 45Ω
-6-
V
Output Voltage2
VO2
PVCC2 = 13V, VCTL = 4.5V,
RL= 45Ω
-9-
V
Output Voltage3
VO3
PVCC2 = 11V, VCTL = 1.5V,
RL = 10Ω
2.5
3
3.5
V
Output Load Regulation
∆VRL
VCTL=3V, IL=100mA →
400mA
-
300
700
mV
Output Offset Voltage1
VOO1
VIN = 5V, 5V
-40
-
+40
mV
Output Offset Voltage2
VOO2
VIN = 0V, 0V
-40
-
+40
mV


Similar Part No. - FAN8035

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8035 FAIRCHILD-FAN8035 Datasheet
552Kb / 18P
   6-CH Motor Driver
FAN8035L FAIRCHILD-FAN8035L Datasheet
552Kb / 18P
   6-CH Motor Driver
More results

Similar Description - FAN8035

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8034 FAIRCHILD-FAN8034 Datasheet
320Kb / 20P
   6-CH Motor Driver
FAN8035L FAIRCHILD-FAN8035L Datasheet
552Kb / 18P
   6-CH Motor Driver
FAN8741 FAIRCHILD-FAN8741 Datasheet
541Kb / 23P
   Spindle Motor and 6-CH Driver
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
FAN8006D3 FAIRCHILD-FAN8006D3 Datasheet
243Kb / 14P
   4-CH Motor Driver
FAN8037 FAIRCHILD-FAN8037 Datasheet
385Kb / 23P
   7-CH Motor Driver
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
   4-CH Motor Driver
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
FAN8000D FAIRCHILD-FAN8000D Datasheet
270Kb / 13P
   4-CH Motor Driver
FAN8039BD3 FAIRCHILD-FAN8039BD3 Datasheet
291Kb / 16P
   5-CH Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com