Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F022ASH020EG Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z8F022ASH020EG
Description  High-Performance 8-Bit Microcontrollers
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F022ASH020EG Datasheet(HTML) 3 Page - Zilog, Inc.

  Z8F022ASH020EG Datasheet HTML 1Page - Zilog, Inc. Z8F022ASH020EG Datasheet HTML 2Page - Zilog, Inc. Z8F022ASH020EG Datasheet HTML 3Page - Zilog, Inc. Z8F022ASH020EG Datasheet HTML 4Page - Zilog, Inc. Z8F022ASH020EG Datasheet HTML 5Page - Zilog, Inc. Z8F022ASH020EG Datasheet HTML 6Page - Zilog, Inc. Z8F022ASH020EG Datasheet HTML 7Page - Zilog, Inc. Z8F022ASH020EG Datasheet HTML 8Page - Zilog, Inc. Z8F022ASH020EG Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 282 page
background image
PS022827-1212
P R E L I M I N A R Y
Revision History
Z8 Encore! XP® F082A Series
Product Specification
iii
Revision History
Each instance in this document’s revision history reflects a change from its previous edi-
tion. For more details, refer to the corresponding page(s) or appropriate links furnished in
the table below.
Date
Revision
Level
Chapter/Section
Description
Page
No.
Dec
2012
27
Port Alternate Function Map-
ping (Non 8-Pin Parts), Port
Alternate Function Mapping (8-
Pin Parts)
Added missing Port D data to Table 15; cor-
rected active Low status (set overlines) for
PA0 (T0OUT), PA2 (RESET) and PA5
(T1OUT) in Table 16.
40, 43
Sep
2011
26
LED Drive Enable Register
Clarified statement surrounding the Alternate
Function Register as it relates to the LED
function; revised Flash Sector Protect Regis-
ter description; revised Packaging chapter.
53,
157,
245
Sep
2008
25
Overview, Address Space,
Register Map, General-Pur-
pose Input/Output, Available
Packages, Ordering Informa-
tion
Added references to F042A Series back in
Table 1, Table 5, Table 7 and Table 14.
2, 8,
16, 18,
36,
246
May
2008
24
Overview, Address Space,
Register Map, General-Pur-
pose Input/Output, Available
Packages, Ordering Informa-
tion
Changed title to Z8 Encore! XP F082A Series
and removed references to F042A Series in
Table 1, Table 5, Table 7 and Table 14.
2, 8,
16, 18,
36,
246
Dec
2007
23
Pin Description, General-Pur-
pose Input/Output, Watchdog
Timer
Updated Figure 3, Table 15, Tables 60
through 62.
9, 40,
97
Jul
2007
22
Electrical Characteristics
Updated Tables 16 and 132; power con-
sumption data.
43,
229
Jun
2007
21
n/a
Revision number update.
All


Similar Part No. - Z8F022ASH020EG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F022ASH020EC ZILOG-Z8F022ASH020EC Datasheet
3Mb / 276P
   Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
More results

Similar Description - Z8F022ASH020EG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
   High Performance 8-Bit Microcontrollers
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F0830HH020SG ZILOG-Z8F0830HH020SG Datasheet
1Mb / 257P
   High-Performance 8-Bit Microcontrollers
Z8X1621 ZILOG-Z8X1621 Datasheet
2Mb / 307P
   High Performance 8-Bit Microcontrollers
Z8F042ASJ020EG2156 ZILOG-Z8F042ASJ020EG2156 Datasheet
1Mb / 280P
   High-Performance 8-Bit Microcontrollers
Z8F082ASJ020EG ZILOG-Z8F082ASJ020EG Datasheet
1Mb / 282P
   High-Performance 8-Bit Microcontrollers
Z8F4822AR020SG ZILOG-Z8F4822AR020SG Datasheet
1Mb / 323P
   High Performance 8-Bit Microcontrollers
Z8F1680SH020SG ZILOG-Z8F1680SH020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com