Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN8039BD3 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN8039BD3
Description  5-CH Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8039BD3 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN8039BD3 Datasheet HTML 5Page - Fairchild Semiconductor FAN8039BD3 Datasheet HTML 6Page - Fairchild Semiconductor FAN8039BD3 Datasheet HTML 7Page - Fairchild Semiconductor FAN8039BD3 Datasheet HTML 8Page - Fairchild Semiconductor FAN8039BD3 Datasheet HTML 9Page - Fairchild Semiconductor FAN8039BD3 Datasheet HTML 10Page - Fairchild Semiconductor FAN8039BD3 Datasheet HTML 11Page - Fairchild Semiconductor FAN8039BD3 Datasheet HTML 12Page - Fairchild Semiconductor FAN8039BD3 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
5-CH MOTOR DRIVER
9
2. Thermal Shutdown
The TSD circuit turns activated when the junction temperature becomes
over 175
°C.
It cuts off the bias current on the output driver and keeps all the output
drivers off. Meanwhile, the junction temperature begins to decrease.
The TSD circuit can be deactivated when the unction temperature falls
under 150
°C, so the output driver begins operating in normal condition
The TSD circuit has the hysteresis temperature of 25
°C.
3. Power Save Function
When the pin22 is high, the TR Q3 is turned on and Q4 is off, so the bias
circuit is enabled. On the other hand, when the pin22 is Low (GND) ,
the TR Q3 is turned off and Q4 is on, so the bias circuit is disabled.
that is, it will make all the circuit blocks except for variable regulator off,
so low power quiescent state can be established.
Truth table is as follows.
4. Variable Regulator
A 33uF capacitor is used as a ripple eliminator in the external cir-
cuit. Therefore, output voltage, Vout can be calculated as follows.
In order to reduce the heating problem on regulator output
TR,Q1, a resistor R3 can be used and calculated as follows.
Pin#22
FAN8039BD3
High
Power Save Off
Low
Power Save On
VCC
R2
R3
Q0
Output driver
bias
Hysteresis
R1
Ihys
I
REF
22
Q3
Main Bias
(except for
variable reg.)
VCC
Q4
REGVCC
VREF
V OUT
R1
R2
33uF
2.5V
5
6
4
7 RESX
R3
Q1
IMAX
V
OUT
V
REF
1
R
1
R
2
-------
+


2.5
2
×
5V R1
R2
=
()
=
=
=
R3
REGVCC
Vout
1.5
+
()
()
I
MAX
-----------------------------------------------------------------------
=


Similar Part No. - FAN8039BD3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8033 FAIRCHILD-FAN8033 Datasheet
358Kb / 24P
   6-Channel Motor Drive IC
FAN8034 FAIRCHILD-FAN8034 Datasheet
320Kb / 20P
   6-CH Motor Driver
FAN8035 FAIRCHILD-FAN8035 Datasheet
547Kb / 18P
   6-CH Motor Driver
FAN8035 FAIRCHILD-FAN8035 Datasheet
552Kb / 18P
   6-CH Motor Driver
FAN8035L FAIRCHILD-FAN8035L Datasheet
552Kb / 18P
   6-CH Motor Driver
More results

Similar Description - FAN8039BD3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
FAN8042 FAIRCHILD-FAN8042 Datasheet
223Kb / 18P
   5-CH Motor Driver
FAN8026G3 FAIRCHILD-FAN8026G3 Datasheet
254Kb / 14P
   5-CH Motor Driver
FAN8036 FAIRCHILD-FAN8036 Datasheet
388Kb / 23P
   5-CH Motor Driver 2-Regulator
logo
List of Unclassifed Man...
AT5659 ETC-AT5659 Datasheet
296Kb / 10P
   5-CH MOTOR DRIVER FOR DC/VCD PLAYER
logo
Fairchild Semiconductor
FAN8045G3 FAIRCHILD-FAN8045G3 Datasheet
237Kb / 16P
   4-CH Motor Driver (5 Input & 4 Output)
FAN8006D3 FAIRCHILD-FAN8006D3 Datasheet
243Kb / 14P
   4-CH Motor Driver
FAN8035 FAIRCHILD-FAN8035 Datasheet
547Kb / 18P
   6-CH Motor Driver
FAN8034 FAIRCHILD-FAN8034 Datasheet
320Kb / 20P
   6-CH Motor Driver
FAN8037 FAIRCHILD-FAN8037 Datasheet
385Kb / 23P
   7-CH Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com