Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN8045G3XNL Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN8045G3XNL
Description  4-CH Motor Driver (5 Input & 4 Output)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8045G3XNL Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN8045G3XNL Datasheet HTML 1Page - Fairchild Semiconductor FAN8045G3XNL Datasheet HTML 2Page - Fairchild Semiconductor FAN8045G3XNL Datasheet HTML 3Page - Fairchild Semiconductor FAN8045G3XNL Datasheet HTML 4Page - Fairchild Semiconductor FAN8045G3XNL Datasheet HTML 5Page - Fairchild Semiconductor FAN8045G3XNL Datasheet HTML 6Page - Fairchild Semiconductor FAN8045G3XNL Datasheet HTML 7Page - Fairchild Semiconductor FAN8045G3XNL Datasheet HTML 8Page - Fairchild Semiconductor FAN8045G3XNL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
Features
• 4-CH Balanced Transformerless (BTL) Driver
• Optional Input (CH4,5) For Output CH4
• Operating Supply Voltage : 4.5 V ~ 14V
• Built-in Thermal Shut Down Circuit (TSD)
• Built-in Channel Mute Circuit
• Built-in 1-OP AMP
• TSD Monitering Function
Description
The FAN8045G3 is a monolithic integrated circuit suitable
for a 4-CH motor driver which drives a tracking actuator, a
focus actuator, a sled motor, a spindle motor, and a tray
motor of the CDP/CAR-CD/DVDP systems.
28-SSOPH-375SG2
FAN8045G3
4-CH Motor Driver (5 Input & 4 Output)
Typical Application
• Compact Disk Player
• Video Compact Disk Player
• Car Compact Disk Player
• Digital Video Disk Player
Ordering Information
Notes:
1. X : Tape&Reel
2. NL : Lead free
Device
Package
Operating Temp.
FAN8045G3
28-SSOPH-375-SG2
-35
°C ~ +85°C
FAN8045G3Xnote1
28-SSOPH-375-SG2
-35
°C ~ +85°C
FAN8045G3_NLnote2 28-SSOPH-375-SG2
-35
°C ~ +85°C
FAN8045G3X_NL
28-SSOPH-375-SG2
-35
°C ~ +85°C


Similar Part No. - FAN8045G3XNL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8040 FAIRCHILD-FAN8040 Datasheet
514Kb / 17P
   4-Channel Motor Driver
FAN8040G3 FAIRCHILD-FAN8040G3 Datasheet
514Kb / 17P
   4-Channel Motor Driver
FAN8040G3X FAIRCHILD-FAN8040G3X Datasheet
514Kb / 17P
   4-Channel Motor Driver
FAN8042 FAIRCHILD-FAN8042 Datasheet
223Kb / 18P
   5-CH Motor Driver
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
   4-CH Motor Driver
More results

Similar Description - FAN8045G3XNL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8006D3 FAIRCHILD-FAN8006D3 Datasheet
243Kb / 14P
   4-CH Motor Driver
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
   4-CH Motor Driver
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
logo
List of Unclassifed Man...
D9258PH ETC-D9258PH Datasheet
461Kb / 11P
   4-CH MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8000D FAIRCHILD-FAN8000D Datasheet
270Kb / 13P
   4-CH Motor Driver
KA9258D FAIRCHILD-KA9258D Datasheet
606Kb / 14P
   4-CH MOTOR DRIVER
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
FAN8039BD3 FAIRCHILD-FAN8039BD3 Datasheet
291Kb / 16P
   5-CH Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com