Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN8045G3XNL Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN8045G3XNL
Description  4-CH Motor Driver (5 Input & 4 Output)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8045G3XNL Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN8045G3XNL Datasheet HTML 6Page - Fairchild Semiconductor FAN8045G3XNL Datasheet HTML 7Page - Fairchild Semiconductor FAN8045G3XNL Datasheet HTML 8Page - Fairchild Semiconductor FAN8045G3XNL Datasheet HTML 9Page - Fairchild Semiconductor FAN8045G3XNL Datasheet HTML 10Page - Fairchild Semiconductor FAN8045G3XNL Datasheet HTML 11Page - Fairchild Semiconductor FAN8045G3XNL Datasheet HTML 12Page - Fairchild Semiconductor FAN8045G3XNL Datasheet HTML 13Page - Fairchild Semiconductor FAN8045G3XNL Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
FAN8045G3
10
Typical Performance Characteristics
Total Circuit
Icc(mA)
Vcc(
V)
<Vcc vs Icc1>
0
5
10
15
20
25
4.5
5.5 6.5
7.5 8.5
9.5 10.5 11.5 12.5 13.5 14.5
Temp=25OC
Temp(
°C)
Icc(mA)
<Temp vs Icc1>
0
5
10
15
20
25
-35 -25 -15 -5
5
15 25 35 45 55 65 75 85
SV cc=12V
PV cc2=12V
PV cc1=5V
BTL Drive Part
<Vcc vs Vom1>
0
2
4
6
8
10
12
14
4
5
6
7
8
9
10
11
12
13
14
V in=0V
RL=8
Vcc(
V)
Vom(
V)
<Vcc vs Vom2>
0
2
4
6
8
10
12
14
4
5
6
7
8
9
10
11
12
13
14
V in=0V
RL=8
Vom(
V)
Vcc(
V)
<Vcc vs Vom3>
0
2
4
6
8
10
12
14
4
5
6
7
8
9
10
11
12
13
14
V in=0V
RL=24
Vom(
V)
Vcc(
V)
<Vcc vs Vom4>
0
2
4
6
8
10
12
14
4
5
6
7
8
9
10
11
12
13
14
Vin=0V
RL=24
Vom(
V)
Vcc(
V)


Similar Part No. - FAN8045G3XNL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8040 FAIRCHILD-FAN8040 Datasheet
514Kb / 17P
   4-Channel Motor Driver
FAN8040G3 FAIRCHILD-FAN8040G3 Datasheet
514Kb / 17P
   4-Channel Motor Driver
FAN8040G3X FAIRCHILD-FAN8040G3X Datasheet
514Kb / 17P
   4-Channel Motor Driver
FAN8042 FAIRCHILD-FAN8042 Datasheet
223Kb / 18P
   5-CH Motor Driver
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
   4-CH Motor Driver
More results

Similar Description - FAN8045G3XNL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8006D3 FAIRCHILD-FAN8006D3 Datasheet
243Kb / 14P
   4-CH Motor Driver
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
   4-CH Motor Driver
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
logo
List of Unclassifed Man...
D9258PH ETC-D9258PH Datasheet
461Kb / 11P
   4-CH MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8000D FAIRCHILD-FAN8000D Datasheet
270Kb / 13P
   4-CH Motor Driver
KA9258D FAIRCHILD-KA9258D Datasheet
606Kb / 14P
   4-CH MOTOR DRIVER
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
FAN8039BD3 FAIRCHILD-FAN8039BD3 Datasheet
291Kb / 16P
   5-CH Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com