Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZUMT619TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZUMT619TA
Description  Super323횚SOT323 NPN SILICON POWER (SWITCHING) TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZUMT619TA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZUMT619TA Datasheet HTML 1Page - Diodes Incorporated ZUMT619TA Datasheet HTML 2Page - Diodes Incorporated ZUMT619TA Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Super323
™ SOT323 NPN SILICON POWER
(SWITCHING) TRANSISTOR
ISSUE
2 - DECEMBER 2008
FEATURES
*
500mW POWER DISSIPATION
*I
C CONT 1A
*
2A Peak Pulse Current
*
Excellent H
FE Characteristics Up To 2A (pulsed)
*
Extremely Low Equivalent On Resistance; R
CE(sat)
APPLICATIONS
*
LCD backlighting inverter circuits
*
Boost functions in DC-DC converters
DEVICE TYPE
COMPLEMENT
PARTMARKING
R
CE(sat)
ZUMT619
ZUMT720
T63
160m
Ω at 1A
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current**
ICM
2A
Continuous Collector Current
IC
1.0
A
Base Current
IB
200
mA
Power Dissipation at Tamb=25°C
Ptot
385 †
500 ‡
mW
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +150
°C
Recommended Ptot calculated using FR4 measuring 10 x 8 x 0.6mm (still air).
Maximum power dissipation is calculated assuming that the device is mounted on FR4
size 25x25x0.6mm and using comparable measurement methods adopted by other suppliers.
ZUMT619


Similar Part No. - ZUMT619TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZUMT619 ZETEX-ZUMT619 Datasheet
123Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
ZUMT619 DIODES-ZUMT619 Datasheet
93Kb / 3P
   Super323횚SOT323 NPN SILICON POWER (SWITCHING) TRANSISTOR
ZUMT619 DIODES-ZUMT619_15 Datasheet
93Kb / 3P
   Super323횚SOT323 NPN SILICON POWER (SWITCHING) TRANSISTOR
More results

Similar Description - ZUMT619TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZUMT619 DIODES-ZUMT619_15 Datasheet
93Kb / 3P
   Super323횚SOT323 NPN SILICON POWER (SWITCHING) TRANSISTOR
ZUMT619 DIODES-ZUMT619 Datasheet
93Kb / 3P
   Super323횚SOT323 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Zetex Semiconductors
ZUMT619 ZETEX-ZUMT619 Datasheet
123Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX1051A ZETEX-FCX1051A Datasheet
49Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX617 ZETEX-FCX617 Datasheet
82Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
ZUMT617 ZETEX-ZUMT617 Datasheet
128Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX690B ZETEX-FCX690B Datasheet
83Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Microsemi Corporation
2N3996 MICROSEMI-2N3996 Datasheet
65Kb / 2P
   NPN POWER SWITCHING SILICON TRANSISTOR
logo
TT Electronics.
BUX45X TTELEC-BUX45X Datasheet
203Kb / 3P
   SILICON NPN POWER SWITCHING TRANSISTOR
logo
Seme LAB
2N5667N1 SEME-LAB-2N5667N1 Datasheet
347Kb / 3P
   NPN POWER SILICON SWITCHING TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com