Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVP4424ASTOA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZVP4424ASTOA
Description  P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVP4424ASTOA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZVP4424ASTOA Datasheet HTML 1Page - Diodes Incorporated ZVP4424ASTOA Datasheet HTML 2Page - Diodes Incorporated ZVP4424ASTOA Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P-CHANNEL ENHANCEMENT
MODE VERTICAL DMOS FET
ISSUE 2 – SEPTEMBER 94
FEATURES
* 240 Volt VDS
*RDS(on)=9Ω
* Low threshold
APPLICATIONS
* Electronic Hook Switch
REFER TO ZVP4424A FOR GRAPHS
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Drain-Source Voltage
VDS
-240
V
Continuous Drain Current at Tamb=25°C
ID
-200
mA
Pulsed Drain Current
IDM
-1
A
Gate Source Voltage
VGS
±
40
V
Power Dissipation at Tamb=25°C
Ptot
750
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN. TYP
MAX. UNIT CONDITIONS.
Drain-Source Breakdown
Voltage
BVDSS
-240
V
ID=-1mA, VGS=0V
Gate-Source Threshold
Voltage
VGS(th)
-0.7
-1.4
-2.0
V
ID=-1mA, VDS= VGS
Gate-Body Leakage
IGSS
100
nA
VGS=± 40V, VDS=0V
Zero Gate Voltage Drain
Current
IDSS
-10
-100
µ
A
µ
A
VDS=-240 V, VGS=0
VDS=-190V, VGS=0V, T=125°C
On-State Drain Current
ID(on)
-0.75 -1.0
A
VDS=-10 V, VGS=-10V
Static Drain-Source
On-State Resistance
RDS(on)
7.1
8.8
9
11
VGS=-10V,ID=-200mA
VGS=-3.5V,ID=-100mA
Forward
Transconductance (1) (2)
gfs
125
mS
VDS=-10V,ID=-0.2A
Input Capacitance (2)
Ciss
100
200
pF
VDS=-25V, VGS=0V, f=1MHz
Common Source Output
Capacitance (2)
Coss
18
25
pF
Reverse Transfer
Capacitance (2)
Crss
515
pF
Turn-On Delay Time (2)(3)
td(on)
815
ns
VDD≈−50V, ID=-0.25A,
VGEN=-10V
Rise Time (2)(3)
tr
815
ns
Turn-Off Delay Time (2)(3)
td(off)
26
40
ns
Fall Time (2)(3)
tf
20
30
ns
(1) Measured under pulsed conditions. Width=300µs. Duty cycle ≤2% (2) Sample test.
(3) Switching times measured with 50Ω source impedance and <5ns rise time on a pulse generator
E-Line
TO92 Compatible
3-439
ZVP4424C
3-436
G
D
S
P-CHANNEL ENHANCEMENT
MODE VERTICAL DMOS FET
ISSUE 2 – SEPTEMBER 94
FEATURES
* 240 Volt VDS
*RDS(on)=9Ω
* Low threshold
APPLICATIONS
* Electronic Hook Switch
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Drain-Source Voltage
VDS
-240
V
Continuous Drain Current at Tamb=25°C
ID
-200
mA
Pulsed Drain Current
IDM
-1
A
Gate Source Voltage
VGS
±
40
V
Power Dissipation at Tamb=25°C
Ptot
750
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN. TYP
MAX. UNIT CONDITIONS.
Drain-Source Breakdown
Voltage
BVDSS
-240
V
ID=-1mA, VGS=0V
Gate-Source Threshold
Voltage
VGS(th)
-0.7
-1.4
-2.0
V
ID=-1mA, VDS= VGS
Gate-Body Leakage
IGSS
100
nA
VGS=± 40V, VDS=0V
Zero Gate Voltage Drain
Current
IDSS
-10
-100
µ
A
µ
A
VDS=-240 V, VGS=0
VDS=-190V, VGS=0V, T=125°C
On-State Drain Current
ID(on)
-0.75 -1.0
A
VDS=-10 V, VGS=-10V
Static Drain-Source
On-State Resistance
RDS(on)
7.1
8.8
9
11
VGS=-10V,ID=-200mA
VGS=-3.5V,ID=-100mA
Forward
Transconductance (1) (2)
gfs
125
mS
VDS=-10V,ID=-0.2A
Input Capacitance (2)
Ciss
100
200
pF
VDS=-25V, VGS=0V, f=1MHz
Common Source Output
Capacitance (2)
Coss
18
25
pF
Reverse Transfer
Capacitance (2)
Crss
515
pF
Turn-On Delay Time (2)(3)
td(on)
815
ns
VDD≈−50V, ID=-0.25A,
VGEN=-10V
Rise Time (2)(3)
tr
815
ns
Turn-Off Delay Time (2)(3)
td(off)
26
40
ns
Fall Time (2)(3)
tf
20
30
ns
(1) Measured under pulsed conditions. Width=300µs. Duty cycle ≤2% (2) Sample test.
(3) Switching times measured with 50Ω source impedance and <5ns rise time on a pulse generator
E-Line
TO92 Compatible
ZVP4424A
D
G
S


Similar Part No. - ZVP4424ASTOA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVP4424A ZETEX-ZVP4424A Datasheet
108Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4424A DIODES-ZVP4424A Datasheet
119Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4424A DIODES-ZVP4424A_15 Datasheet
119Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVP4424ASTOA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS250F ZETEX-BS250F Datasheet
80Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106A ZETEX-ZVP2106A Datasheet
51Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2110A ZETEX-ZVP2110A Datasheet
65Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2120G ZETEX-ZVP2120G Datasheet
74Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F ZETEX-ZVP3306F Datasheet
109Kb / 2P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4105A ZETEX-ZVP4105A Datasheet
49Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4424C DIODES-ZVP4424C Datasheet
44Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP1320A DIODES-ZVP1320A Datasheet
85Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP0540A DIODES-ZVP0540A Datasheet
32Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110C DIODES-ZVN2110C Datasheet
43Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Supertex, Inc
TP5335 SUTEX-TP5335_07 Datasheet
396Kb / 3P
   P-Channel Enhancement-Mode Vertical DMOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com