Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN8200MP Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN8200MP
Description  Low Voltage/Low Saturation Stepping Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8200MP Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN8200MP Datasheet HTML 1Page - Fairchild Semiconductor FAN8200MP Datasheet HTML 2Page - Fairchild Semiconductor FAN8200MP Datasheet HTML 3Page - Fairchild Semiconductor FAN8200MP Datasheet HTML 4Page - Fairchild Semiconductor FAN8200MP Datasheet HTML 5Page - Fairchild Semiconductor FAN8200MP Datasheet HTML 6Page - Fairchild Semiconductor FAN8200MP Datasheet HTML 7Page - Fairchild Semiconductor FAN8200MP Datasheet HTML 8Page - Fairchild Semiconductor FAN8200MP Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.4
Features
• 3.3V and 5V MPU interface
• Dual H-bridge drivers for bipolar stepping motor drives
• Built-in vertical-PNP power transistors
• Wide supply voltage range (VCC = 2.5V ~ 7.0V)
• Low saturation voltage (0.4V@ 0.4A)
• Built-in chip enable function for each bridge
• Built-in shoot-through current protection
• Built-in thermal shutdown(TSD) function
Description
The FAN8200/FAN8200D/FAN8200MTC/FAN8200MP is a
monolithic intergrated circuit designed for two-phase step-
ping motor drive systems. It has dual H-bridge drivers with
vertical-PNP power transistors. Each of the bridges has an
independant enable pin, therefore it can be used for other
applications as well as stepping motor drive systems.
Typical Application
• General low voltage stepping motor driver
• Floppy disk driver
• Camera stepping motor driver
• PC camera or security equipment motion controller
• Two channel DC motor driver for a digital still camera
(DSC)
• MPU interfaced general power driver (buffer)
Ordering Information
Device
Package
Operating Temp.
FAN8200
14-DIP-300
-20 ~ +75
°C
FAN8200D
14-SOP-225
-20 ~ +75
°C
FAN8200DTF
14-SOP-225
-20 ~ +75
°C
FAN8200MTC
14-TSSOP
-20 ~ +75
°C
FAN8200MTCX 14-TSSOP
-20 ~ +75
°C
FAN8200MP
14-MLP
-30 ~ +80
°C
FAN8200MPX
FAN8200/FAN8200D/FAN8200MTC
FAN8200MP
Low Voltage/Low Saturation Stepping Motor Driver
1
1
14-TSSOP
1
14-DIP-300
14-SOP-225
14-MLP


Similar Part No. - FAN8200MP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8200MPX FAIRCHILD-FAN8200MPX Datasheet
363Kb / 16P
   Low Voltage/Low Saturation Stepping Motor Driver
More results

Similar Description - FAN8200MP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8200 FAIRCHILD-FAN8200_04 Datasheet
363Kb / 16P
   Low Voltage/Low Saturation Stepping Motor Driver
logo
ON Semiconductor
LV8549MC-AH ONSEMI-LV8549MC-AH Datasheet
124Kb / 5P
   12V Low Saturation Voltage Drive Stepping Motor Driver
June, 2013
ENA2039-D ONSEMI-ENA2039-D Datasheet
124Kb / 5P
   12V Low Saturation Voltage Drive Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8549M SANYO-LV8549M Datasheet
166Kb / 5P
   12V Low Saturation Voltage Drive Stepping Motor Driver
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB8632V SANYO-LB8632V Datasheet
381Kb / 18P
   Low-Voltage/Low-Saturation Camera Motor Driver?
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com