Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF51422 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NRF51422
Description  Multi-protocol ANT System-on-Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF51422 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NRF51422 Datasheet HTML 1Page - List of Unclassifed Manufacturers NRF51422 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KEY FEATURES
• Multi-protocol2.4GHzradio
• 32-bitARMCortexM0processor
• 256kBflash/16kBRAM
• EmbeddedANTstack
• PincompatiblewithothernRF51xxseriesdevices
• Applicationdevelopmentindependentfromprotocolstack
• Fullyon-aircompatiblewithnRF24L/nRFAP-series
• Programmableoutputpowerfrom+4dBmto-20dBm
• RSSI
• RAMmappedFIFOsusingEasyDMA
• Flexibleandconfigurable31pinGPIO
• ProgrammablePeripheralInterconnect–PPI
• Fullsetofdigitalinterfacesincluding:SPI/2-wire/UART
• Dynamicon-airpayloadlengthupto256bytes
• 10-bitADC
• 128-bitAESECB/CCM/AARco-processor
• Quadraturedemodulator
• Lowcostexternal16MHz±60ppm
• Lowpower16MHzcrystalandRCoscillators
• Ultralow-power32kHzcrystalandRCoscillators
• Widesupplyvoltagerange(1.8Vto3.6V)
• SimpleON/OFFglobalpowermodes
• Flexiblepowermanagementforallperipherals
• On-chipDC/DCbuckconverter
• Packageoptions:48-pin6x6QFN
APPLICATIONS
• SportsandFitnesssensors
• Healthcareandlifestylesensors
• Domestic/Industrialcontrolanddata-acquisition
• SmartRFtags
• Audienceresponsesystem
• Intelligentdomesticappliances
ANT System-on-Chip
ThenRF51422isapowerfulmulti-protocolsinglechipsolution
forULPwirelessapplications.ItincorporatesNordic’slatest
best-in-classperformanceradiotransceiverarchitecture,the
ARMCortexM0MCUand256kBflashmemory.ThenRF51422
supportsanANT+andGazellprotocolstacks.
Lower power and higher performance
ThenRF51422usesthe32-bitARMCortexM0MCU,together
withextensiveflashavailability,256kBintotal,+12kBRAM
availableforapplicationdevelopment.Codedensityandexecution
speedareconsiderablygreaterthanfor8/16-bitplatforms.
TheProgrammablePeripheralInterconnect(PPI)providesa
16-channelbusfordirectandautonomoussystemperipheral
communicationwithoutCPUintervention.Thisbringspredictable
latencytimesforperipheraltoperipheraltaskandeventsand
associatedpowersavingbenefits.Thedevicehas2globalpower
modesON/OFF,butallsystemblocksandperipheralshave
individualpowermanagementcontrolwhichallowsforautomatic
switchingRUN/IDLEforsystembasedonlyonthoserequired/not
requiredtoachieveparticulartasks.
ThenewradioformsthebasisofthenRF51422’sperformance.
TheradiosupportsANTandison-air-compatiblewiththe
nRF24L/nRF24AP-seriesproductsfromNordicSemiconductor.
Outputpowerisnowscalablefromamaximumof+4dBmdown
to-20dBmin4dBsteps.Sensitivityisincreasedateverylevel
andofferssensitivityranges(dependentondatarate)from-96to
-85dBm,with-90dBmfor1MbsANT.
nRF51422
Multi-protocol ANT System-on-Chip
256kB
Flash
ANT
stack
Timers / Counters
Analog I/O
Digital I/O
System Peripherals
16kB
RAM
GPIO
Radio
Multi-protocol 2.4GHz
Processor
16 MHz 32-bit
ARM Cortex-M0 CPU
Power
supply
Oscillators


Similar Part No. - NRF51422

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
nRF51422 ETC1-nRF51422 Datasheet
256Kb / 2P
   Multi-protocol Bluetooth Low Energy and 2.4GHz proprietary system-on-chip
More results

Similar Description - NRF51422

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF51822 ETC1-NRF51822 Datasheet
256Kb / 2P
   Multi-protocol Bluetooth Low Energy and 2.4GHz proprietary system-on-chip
logo
Nordic Semiconductor
NRF52832 NORDIC-NRF52832 Datasheet
230Kb / 2P
   Multiprotocol Bluetooth low energy (Bluetooth 5), ANT/ANT and 2.4GHz proprietary System-on-Chip
Version 1.7
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Texas Instruments
RI-R6C-001A TI-RI-R6C-001A Datasheet
169Kb / 3P
[Old version datasheet]   HF Reader System Series 6000 S6700 Multi-Protocol Transceiver IC
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com