Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF2425M7LS140 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF2425M7LS140
Description  Power LDMOS transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF2425M7LS140 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF2425M7LS140 Datasheet HTML 1Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 2Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 3Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 4Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 5Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 6Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 7Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 8Page - NXP Semiconductors BLF2425M7LS140 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BLF2425M7L140; BLF2425M7LS140
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 6 September 2012
4 of 11
NXP Semiconductors
BLF2425M7L(S)140
Power LDMOS transistor
7.2 Impedance information
7.3 Circuit information
Table 8.
Typical impedance
Measured load-pull data. Typical values unless otherwise specified. IDq =1300mA; VDS =28V.
ZS and ZL defined in Figure 1.
f
ZS
ZL
(MHz)
(
)
(
)
2400
3.7
 5.4j
1.3
 1.5j
2450
6.9
 5.0j
1.5
 1.6j
2500
8.7
 2.0j
1.5
 1.6j
Fig 1.
Definition of transistor impedance
001aaf059
drain
ZL
ZS
gate
Printed-Circuit Board (PCB): Rogers 4350B;
r = 3.5; thickness = 0.508 mm;
thickness copper plating = 35
m.
See Table 9 for a list of components.
Fig 2.
Component layout for application circuit
DDD
&
&
&
&
&
&
5
&
&


Similar Part No. - BLF2425M7LS140

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLF2425M7LS250P AMPLEON-BLF2425M7LS250P Datasheet
1Mb / 11P
   Power LDMOS transistor
Rev. 5 ??1 September 2015
More results

Similar Description - BLF2425M7LS140

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com