Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XG5N-161-U Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XG5N-161-U
Description  Crimped MIL Connector Sockets for Discrete Wires
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG5N-161-U Datasheet(HTML) 4 Page - Omron Electronics LLC

  XG5N-161-U Datasheet HTML 1Page - Omron Electronics LLC XG5N-161-U Datasheet HTML 2Page - Omron Electronics LLC XG5N-161-U Datasheet HTML 3Page - Omron Electronics LLC XG5N-161-U Datasheet HTML 4Page - Omron Electronics LLC XG5N-161-U Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Crimped MIL Connector Sockets for Discrete Wires
XG5N/XG5N-U
OMRON ON-LINE
Global - http://www.omron.com
USA - http://www.components.omron.com
Cat. No. G023-E-02
Printed in USA
OMRON ELECTRONIC
COMPONENTS LLC
55 E. Commerce Drive, Suite B
Schaumburg, IL 60173
847-882-2288
08/12
Specifications subject to change without notice
All sales are subject to Omron Electronic Components LLC standard terms and conditions of sale, which
can be found at http://www.components.omron.com/components/web/webfiles.nsf/sales_terms.html
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.


Similar Part No. - XG5N-161-U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG5 OMRON-XG5 Datasheet
967Kb / 10P
   IDC Sockets for Discrete Wires
logo
List of Unclassifed Man...
Xg5 ETC2-Xg5 Datasheet
328Kb / 2P
   AC/DC Power Supply
logo
Omron Electronics LLC
XG5 OMRON-XG5 Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
logo
Toshiba Semiconductor
XG5 TOSHIBA-XG5 Datasheet
1Mb / 13P
   XG5 SERIES CLIENT SSD
logo
Epson Company
XG5032HAN EPSON-XG5032HAN Datasheet
408Kb / 2P
   LOW-JITTER SAW OSCILLATOR (SPSO)
More results

Similar Description - XG5N-161-U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG5_1011 OMRON-XG5_1011 Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
XG5 OMRON-XG5 Datasheet
967Kb / 10P
   IDC Sockets for Discrete Wires
logo
Amphenol PCD, Inc
MIL-PRF-12883 AMPHENOLPCD-MIL-PRF-12883 Datasheet
2Mb / 21P
   Amphenol Pcd MIL-PRF-12883 Relay Sockets
logo
Yamaichi Electronics Co...
HF201S-01MO YAMAICHI-HF201S-01MO Datasheet
246Kb / 2P
   Cable Sockets for HF201P
logo
Belden Inc.
734209-100 BELDEN-734209-100 Datasheet
107Kb / 2P
   Protective cap for M12 mounting sockets and cable sockets
logo
Molex Electronics Ltd.
57252-7000 MOLEX11-57252-7000 Datasheet
34Kb / 1P
   IDT Machine For MIL IDT Connector
57252-5100 MOLEX11-57252-5100 Datasheet
34Kb / 1P
   Clamp Tool For MIL IDT Connector
logo
Schneider Electric
TM5SDI4D SCHNEIDER-TM5SDI4D Datasheet
239Kb / 7P
   Discrete input module, Modicon TM5, digital 4I, 24 V DC sink, 3 wires
Apr 6, 2022
TM5SDI6D SCHNEIDER-TM5SDI6D Datasheet
284Kb / 7P
   Discrete input module, Modicon TM5, digital 6I, 24 V DC sink, 2 wires
Apr 6, 2022
logo
Hirose Electric
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com