Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XG5N-301-U Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XG5N-301-U
Description  Crimped MIL Connector Sockets for Discrete Wires
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG5N-301-U Datasheet(HTML) 1 Page - Omron Electronics LLC

  XG5N-301-U Datasheet HTML 1Page - Omron Electronics LLC XG5N-301-U Datasheet HTML 2Page - Omron Electronics LLC XG5N-301-U Datasheet HTML 3Page - Omron Electronics LLC XG5N-301-U Datasheet HTML 4Page - Omron Electronics LLC XG5N-301-U Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Crimped MIL Connector Sockets for Discrete Wires
XG5N/XG5N-U
1
Crimped MIL Connector Sockets for Discrete Wires
XG5N/XG5N-U
Crimped Sockets for Discrete Wires Join
the MIL Connector Series
• XG5N-U Sockets with OMRON’s unique lock enable one-
hand insertion with a secure lock.
• Save up to 24% of the space required for the XG4A.
■ Conceptual Application Diagram
■ Mating
■ Ratings and Characteristics
■ Materials and Finish
■ Applicable Contacts and Wires
XG5N-U
Discrete wires
XG4A
XG4C
XG5N
Mate.
Mate.
XG5N Socket
XG4A Plug
XG5N-U Socket with Lock
XG4C Plug
Rated current
3 A/contact (with AWG22 wire)
2 A/contact (with AWG24 wire)
1 A/contact (with AWG26 or AWG28 wire)
Rated voltage
250 VAC
Contact resistance
20 m
Ω max. (at 20 mV, 100 mA max.)
Insulation resistance
1,000 M
Ω min. (at 500 V DC)
Withstand voltage
500 VAC for 60 s (leakage current: 1 mA max.)
Total insertion force
No. of contacts
× 1.96 N max.
Individual pull-out
force
0.29 N min.
Insertion durability
50 times
Ambient operating
temperature
−55 to 105°C (with no icing)
Housing
Fiber-glass reinforced PBT resin (UL94 V-2)/black
Lock Levers
POM resin (UL94 HB)/black
Contacts Mating end
Phosphor bronze/nickel base, gold plated (0.15
μm)
Crimped
section
Phosphor bronze/nickel base, tin plated (2.0
μm)
Applicable
Contacts
Applicable wires
AWG No.
(UL1007 twisted wires)
Conductor construction
(elements/element diameter (mm))
XG5W-
0231
22
17/0.16
24
11/0.16
26
7/0.16
XG5W-
0232
24
11/0.16
26
7/0.16
28
7/0.127


Similar Part No. - XG5N-301-U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG5 OMRON-XG5 Datasheet
967Kb / 10P
   IDC Sockets for Discrete Wires
logo
List of Unclassifed Man...
Xg5 ETC2-Xg5 Datasheet
328Kb / 2P
   AC/DC Power Supply
logo
Omron Electronics LLC
XG5 OMRON-XG5 Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
logo
Toshiba Semiconductor
XG5 TOSHIBA-XG5 Datasheet
1Mb / 13P
   XG5 SERIES CLIENT SSD
logo
Epson Company
XG5032HAN EPSON-XG5032HAN Datasheet
408Kb / 2P
   LOW-JITTER SAW OSCILLATOR (SPSO)
More results

Similar Description - XG5N-301-U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG5_1011 OMRON-XG5_1011 Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
XG5 OMRON-XG5 Datasheet
967Kb / 10P
   IDC Sockets for Discrete Wires
logo
Amphenol PCD, Inc
MIL-PRF-12883 AMPHENOLPCD-MIL-PRF-12883 Datasheet
2Mb / 21P
   Amphenol Pcd MIL-PRF-12883 Relay Sockets
logo
Yamaichi Electronics Co...
HF201S-01MO YAMAICHI-HF201S-01MO Datasheet
246Kb / 2P
   Cable Sockets for HF201P
logo
Belden Inc.
734209-100 BELDEN-734209-100 Datasheet
107Kb / 2P
   Protective cap for M12 mounting sockets and cable sockets
logo
Molex Electronics Ltd.
57252-7000 MOLEX11-57252-7000 Datasheet
34Kb / 1P
   IDT Machine For MIL IDT Connector
57252-5100 MOLEX11-57252-5100 Datasheet
34Kb / 1P
   Clamp Tool For MIL IDT Connector
logo
Schneider Electric
TM5SDI4D SCHNEIDER-TM5SDI4D Datasheet
239Kb / 7P
   Discrete input module, Modicon TM5, digital 4I, 24 V DC sink, 3 wires
Apr 6, 2022
TM5SDI6D SCHNEIDER-TM5SDI6D Datasheet
284Kb / 7P
   Discrete input module, Modicon TM5, digital 6I, 24 V DC sink, 2 wires
Apr 6, 2022
logo
Hirose Electric
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com