Electronic Components Datasheet Search |
|
761204-1 Datasheet(PDF) 2 Page - Tyco Electronics |
|
761204-1 Datasheet(HTML) 2 Page - Tyco Electronics |
2 / 3 page 408-8340 2 of 3 Rev B 3. INSTALLATION It is necessary to open or remove machine covers to perform the following procedure. Be sure to replace ALL covers BEFORE operating the machine. The cable clamp's pivot bracket attaches to the machine carriage, and the cam track assembly mounts to the machine's base block assembly. To mount the clamp: 1. Turn off the machine's air supply by disengaging the air supply at the back of the machine. 2. Turn off the machine's electrical functions by switching the rocker switch on the back of the machine's control module. DO NOT make adjustments to the machine or the cable clamp while the machine is operational. Make sure to disable the machine to prevent it from moving while adjustments are being made. 3. Attach the pivot bracket to the back of the machine carriage with the No. 10-32 screws provided. Refer to Figure 2. Using a 5/32-in. hex wrench, tighten the screws. Figure 2 4. Slide the bottom of the cam track assembly onto the rack portion of the base block assembly. Make sure that the cam track assembly mounting screw is raised to allow the cam track to slide. 5. Adjust the position of the cam track assembly to Dimension A shown in Figure 3 to ensure that the cable is located for either straight exit or angle exit. 6. Using a 5/32-in. hex wrench, tighten the mounting screw to secure the cam track. Figure 3 7. On the machine, plug the air hose from the clamp solenoid valve (see Figure 4) onto the fitting of the cable clamp (refer to Figure 1). 8. Turn on the air to the machine, and inspect the cable clamp for air leaks. 4. TOOLING ADJUSTMENTS To avoid personal injury, DISCONNECT air and electric power before making adjustments to the machine or cable clamp. DO NOT make adjustments while the machine is operational. 4.1. Cable Clamp Position The position of the cable clamp can be adjusted to vary the cable exit position relative to the connector. To adjust this position, refer to Figure 3, and proceed as follows: DANGER STOP DANGER STOP Pivot Bracket Screws and Washers Carriage CONNECTOR DIMENSION “A” TYPE SIZE STRAIGHT EXIT ANGLE EXIT AMPLIMITE .050 20 2.54 [.100] 1.27 [.050] 40 5.58 [.220] 13.97 [.550] 50 8.38 [.330] 15.24 [.600] 68 13.20 [.520] 26.67 [1.050] 80 17.01 [.670] 34.29 [1.350] 100 23.62 [.930] 46.99 [1.850] 120 33.52 [1.320] 55.88 [2.200] AMPLIMITE HDE All 18.54 [.730] --- CHAMP All Mounting Screw Dimension “A” (See Table) Base Block Assembly (Ref) DANGER STOP |
Similar Part No. - 761204-1 |
|
Similar Description - 761204-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |