Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE-7.5 Datasheet(PDF) 1 Page - First Components International

Part # 1.5KE-7.5
Description  6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

1.5KE-7.5 Datasheet(HTML) 1 Page - First Components International

  1.5KE-7.5 Datasheet HTML 1Page - First Components International 1.5KE-7.5 Datasheet HTML 2Page - First Components International 1.5KE-7.5 Datasheet HTML 3Page - First Components International 1.5KE-7.5 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
Features
n 1500 WATT PEAK POWER PROTECTION
n EXCELLENT CLAMPING CAPABILITY
n FAST RESPONSE TIME
Mechanical Dimensions
n TYPICAL I
R < 1µA ABOVE 10V
n GLASSPASSIVATEDCHIPCONSTRUCTION
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
Peak Power Dissipation...P
PK
T
P = 1ms (Note 5)
Steady State Power Dissipation...P
D
@ T
L = 75°C
Non-Repetitive Peak Forward Surge Current...I
FSM
@RatedLoadConditions,8.3ms,½SineWave,SinglePhase
(Note 3)
Weight...G
RM
Soldering Requirements (Time & Temp)...S
T
@ 250°C
Operating & Storage Temperature Range...T
J, TSTRG
1.5KE Series
Data Sheet
6.8V to 400V GPP TRANSIENT
VOLTAGE SUPPRESSORS
Units
Watts
Watts
Amps
Grams
......................................... 1500 Min. ..........................................
............................................. 5.00 ...............................................
............................................. 200 ...............................................
............................................. 0.20 ...............................................
............................................. 11 Sec. ...........................................
......................................... -65 to 175 ..........................................
°C
Page 11-14
Min. to
Solder
NOTES: 1. For Bi-Directional Applications, Use C or CA. Electrical Characteristics Apply in Both Directions.
2. Mounted on 40mm2 Copper Pads.
3. 8.3 ms, ½ Sine Wave, Single Phase Duty Cycle, @ 4 Pulses Per Minute Maximum.
4. V
BR Measured After IT Applies for 300 µs. IT = Square Wave Pulse or Equivalent.
5. Non-Repetitive Current Pulse. Per Fig. 3 and Derated Above TA = 25°C Per Fig. 2.
(For Bi-Polar Applications, See Note 1)
Uni-Polar
Load
TVS
Device
TVS
Device
Load
Bi-Polar
DO-201AE


Similar Part No. - 1.5KE-7.5

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1.5KE-7.5 FCI-1.5KE-7.5 Datasheet
180Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
1.5KE-7.5A FCI-1.5KE-7.5A Datasheet
180Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1.5KE-7.5

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1.5KE FCI-1.5KE Datasheet
180Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
P4KE FCI-P4KE Datasheet
165Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
P6KE FCI-P6KE Datasheet
177Kb / 4P
   6.8V to 200V GPP TRANSIENT VOLTAGE SUPPRESSORS
SA5.0 FCI-SA5.0 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
5KP FCI-5KP Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
T4ARBU405M RECTRON-T4ARBU405M Datasheet
285Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
T4ARS3505M RECTRON-T4ARS3505M Datasheet
210Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
logo
Micro Commercial Compon...
1.5KE6.8 MCC-1.5KE6.8_11 Datasheet
927Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
15KE68 MCC-15KE68 Datasheet
974Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
logo
Rectron Semiconductor
T6ARS3505M RECTRON-T6ARS3505M_10 Datasheet
286Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com