Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29L040X Datasheet(PDF) 3 Page - AMIC Technology

Part # A29L040X
Description  512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L040X Datasheet(HTML) 3 Page - AMIC Technology

  A29L040X Datasheet HTML 1Page - AMIC Technology A29L040X Datasheet HTML 2Page - AMIC Technology A29L040X Datasheet HTML 3Page - AMIC Technology A29L040X Datasheet HTML 4Page - AMIC Technology A29L040X Datasheet HTML 5Page - AMIC Technology A29L040X Datasheet HTML 6Page - AMIC Technology A29L040X Datasheet HTML 7Page - AMIC Technology A29L040X Datasheet HTML 8Page - AMIC Technology A29L040X Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
A29L040 Series
(September, 2011, Version 1.6)
2
AMIC Technology, Corp.
of
memory.
This
can
be
achieved
via
programming
equipment.
The Erase Suspend feature enables the user to put erase on
hold for any period of time to read data from, or program
data to, any other sector that is not selected for erasure.
True background erase can thus be achieved.
Power consumption is greatly reduced when the device is
placed in the standby mode.
Pin Configurations
DIP
PLCC
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
21
22
23
24
25
26
27
28
29
12
13
11
8
9
5
7
6
CE
I/O7
A10
A29L040L
OE
A11
A9
A8
A13
A14
10
A18
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
I/O3
VSS
I/O4
I/O5
I/O6
I/O7
CE
A10
OE
A9
A8
A13
WE
A17
A14
VCC
A11
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
32-pin TSOP (8mm X 20mm)
32-pin sTSOP (8mm X 13.4mm)
32-pin sTSOP (8mm X 14mm)
A29L040V (8mm x 20mm)
A29L040X (8mm x 13.4mm)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A9
A8
A13
A14
A17
WE
VCC
A18
A16
A15
A12
A7
A6
A5
A4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
I/O3
I/O4
I/O5
I/O6
I/O7
CE
A10
OE
A11
A29L040Y (8mm x 14mm)


Similar Part No. - A29L040X

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L040X-70 AMICC-A29L040X-70 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
More results

Similar Description - A29L040X

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040A AMICC-A29L040A Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
AMIC Technology
A29040B AMICC-A29040B Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040D AMICC-A29040D Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only,Uniform Sector Flash Memory
A29040A AMICC-A29040A Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040 AMICC-A29040 Datasheet
288Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF040-55CCIN ALSC-AS29CF040-55CCIN Datasheet
713Kb / 27P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector - Parallel Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com