Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF1405 Datasheet(PDF) 2 Page - International Rectifier

Part # AUIRF1405
Description  HEXFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF1405 Datasheet(HTML) 2 Page - International Rectifier

  AUIRF1405 Datasheet HTML 1Page - International Rectifier AUIRF1405 Datasheet HTML 2Page - International Rectifier AUIRF1405 Datasheet HTML 3Page - International Rectifier AUIRF1405 Datasheet HTML 4Page - International Rectifier AUIRF1405 Datasheet HTML 5Page - International Rectifier AUIRF1405 Datasheet HTML 6Page - International Rectifier AUIRF1405 Datasheet HTML 7Page - International Rectifier AUIRF1405 Datasheet HTML 8Page - International Rectifier AUIRF1405 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AUIRF1405
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Starting TJ = 25°C, L = 0.11mH
RG = 25, IAS = 101A. (See Figure 12).
ƒ ISD  101A, di/dt  210A/μs, VDD V(BR)DSS,
TJ  175°C
„ Pulse width  400μs; duty cycle  2%.
… Coss eff. is a fixed capacitance that gives the same charging
time as Coss while VDS is rising from 0 to 80% VDSS .
† Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
‡ Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
ˆ Ris measured at TJ of approximately 90°C.
S
D
G
S
D
G
Static Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
0.057
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
4.6
5.3
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
69
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Qg
Total Gate Charge
–––
170
260
Qgs
Gate-to-Source Charge
–––
44
66
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
62
93
td(on)
Turn-On Delay Time
–––
13
–––
tr
Rise Time
–––
190
–––
td(off)
Turn-Off Delay Time
–––
130
–––
ns
tf
Fall Time
–––
110
–––
LD
Internal Drain Inductance
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
from package
and center of die contact
Ciss
Input Capacitance
–––
5480
–––
Coss
Output Capacitance
–––
1210
–––
Crss
Reverse Transfer Capacitance
–––
280
–––
pF
Coss
Output Capacitance
–––
5210
–––
Coss
Output Capacitance
–––
900
–––
Coss eff.
Effective Output Capacitance
g
–––
1500
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
A
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
88
130
ns
Qrr
Reverse Recovery Charge
–––
250
380
nC
ton
Forward Turn-On Time
VDS = VGS, ID = 250μA
VDS = 55V, VGS = 0V
VDS = 44V, VGS = 0V, TJ = 150°C
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 10V f
VDD = 38V
ID = 101A
RG = 1.1 
VGS = -20V
Conditions
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 101A f
p-n junction diode.
TJ = 25°C, IS = 101A, VGS = 0V f
TJ = 25°C, IF = 101A
di/dt = 100A/μs
f
MOSFET symbol
showing the
integral reverse
VGS = 0V, VDS = 44V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 44V
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VDS = 25V, ID = 101A
ID = 101A
VDS = 44V
Conditions
VGS = 10V f
VGS = 0V
VDS = 25V
ƒ = 1.0MHz, See Fig.5
VGS = 20V
4.5
–––
–––
–––
–––
7.5
–––
–––
169
h
–––
–––
680


Similar Part No. - AUIRF1405

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
logo
International Rectifier
AUIRF1405ZL IRF-AUIRF1405ZL Datasheet
319Kb / 14P
   HEXFET짰 Power MOSFET
logo
List of Unclassifed Man...
AUIRF1405ZL ETC2-AUIRF1405ZL Datasheet
319Kb / 14P
   Ultra Low On-Resistance
logo
Infineon Technologies A...
AUIRF1405ZL INFINEON-AUIRF1405ZL Datasheet
350Kb / 12P
   AUTOMOTIVE GRADE
2015-11-11
logo
International Rectifier
AUIRF1405ZS IRF-AUIRF1405ZS Datasheet
319Kb / 14P
   HEXFET짰 Power MOSFET
More results

Similar Description - AUIRF1405

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com