Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82559A0142A013 Datasheet(PDF) 4 Page - Microchip Technology

Part # B82559A0142A013
Description  High-Speed Synchronous Buck Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

B82559A0142A013 Datasheet(HTML) 4 Page - Microchip Technology

  B82559A0142A013 Datasheet HTML 1Page - Microchip Technology B82559A0142A013 Datasheet HTML 2Page - Microchip Technology B82559A0142A013 Datasheet HTML 3Page - Microchip Technology B82559A0142A013 Datasheet HTML 4Page - Microchip Technology B82559A0142A013 Datasheet HTML 5Page - Microchip Technology B82559A0142A013 Datasheet HTML 6Page - Microchip Technology B82559A0142A013 Datasheet HTML 7Page - Microchip Technology B82559A0142A013 Datasheet HTML 8Page - Microchip Technology B82559A0142A013 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
MCP19035
DS22326A-page 4
 2012 Microchip Technology Inc.
Error Amplifier
Gain Bandwidth Product
GBP
6.5
10
MHz
Note 1
Open Loop Gain
AOL
70
80
dB
Note 1
Input Offset Voltage
VOS
-5
0.1
5
mV
Note 1
Input Bias Current
(FB Pin)
IBIAS
——
5
nA
Note 1
Error Amplifier
Sink Current
ISINK
—5—
mA
Note 1
Error Amplifier
Source Current
ISOURCE
—5—
mA
Note 1
PWM Section
Maximum Duty Cycle
DCMAX
85
%
Note 1
Minimum ON time
tON(MIN)
130
240
ns
6V
 VIN < 30V, Note 1
Soft Start
Soft Start Time
tSS
—2.6
ms
Shutdown
Logic Low-to-High
Threshold
SHDNHI
0.75
V
4.5V
 VIN < 30V
Logic High-to-Low
Threshold
SHDNLO
0.4
V
4.5V
 VIN < 30V
Power Good
Power Good
Threshold High
PGTH-H
—92
96
% of VREF
Power Good
Threshold Low
PGTH-LOW
88
90
% of VREF
Power Good
Threshold Hysteresis
PGTH-HYS
—2—
% of VREF
Power Good Delay
tPG-DELAY
150
us
VFB = (PGTH-HI + 100 mV) to
(PGTH-LOW – 100 mV)
Power Good Active
Time-Out Period
tPG-TIME-OUT
120
ms
VFB = (PGTH-HI – 100 mV) to
(PGTH-HI + 100 mV)
MOSFET Drivers
High-Side Driver Pull-up
Resistance
RHI-SOURCE
—2
3.5
VBOOT –VPHASE = 4.5V,
IHDRV = 100 mA, Note 1
High-Side Driver Pull-
Down Resistance
RHI-SINK
—2
3.5
VBOOT –VPHASE = 4.5V,
IHDRV = 100 mA, Note 1
Low-Side Driver Pull-Up
Resistance
RLO-SOURCE
—2
3.5
VCC = 5V, Note 1
Low-Side Driver Pull-
Down Resistance
RLO-SINK
—1
2.5
VCC = 5V, Note 1
HDRV Rise Time
tRH
—15
35
ns
CLOAD = 1.0 nF, Note 1
HDRV Fall Time
tFH
—15
35
ns
CLOAD = 1.0 nF, Note 1
LDRV Rise Time
tRL
—10
25
ns
CLOAD = 1.0 nF, Note 1
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications
: Unless otherwise noted, VIN = 12V, FSW = 300 kHz, CIN = 1.0 µF, TA = +25°C (for typical
values), TA = -40°C to +125°C (for minimum and maximum).
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Note 1:
Ensured by design. Not production tested.
2:
Limited by the maximum power dissipation of the case.
3:
Possibility to be adjusted for high volumes.


Similar Part No. - B82559A0142A013

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82559A0142A013 EPCOS-B82559A0142A013 Datasheet
69Kb / 2P
   Helically wound power inductors
B82559A0142A013 EPCOS-B82559A0142A013 Datasheet
137Kb / 6P
   SMT power inductors
More results

Similar Description - B82559A0142A013

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP19035 MICROCHIP-MCP19035_13 Datasheet
933Kb / 44P
   High-Speed Synchronous Buck Controller
11/29/12
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
logo
Sipex Corporation
SP6132HV SIPEX-SP6132HV Datasheet
264Kb / 14P
   High Voltage Synchronous Buck Controller
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com