Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4693E Datasheet(PDF) 10 Page - Analog Devices

Part # ADN4693E
Description  LVDS and M-LVDS Circuit Implementation Guide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4693E Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN4693E Datasheet HTML 4Page - Analog Devices ADN4693E Datasheet HTML 5Page - Analog Devices ADN4693E Datasheet HTML 6Page - Analog Devices ADN4693E Datasheet HTML 7Page - Analog Devices ADN4693E Datasheet HTML 8Page - Analog Devices ADN4693E Datasheet HTML 9Page - Analog Devices ADN4693E Datasheet HTML 10Page - Analog Devices ADN4693E Datasheet HTML 11Page - Analog Devices ADN4693E Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AN-1177
Application Note
Rev. 0 | Page 10 of 12
ISOLATION
External interfaces can be isolated from logic circuits to
prevent unwanted current flow that may damage or degrade the
operation of electronic components. Galvanic isolation, shown
in Figure 20, allows information flow, but prevents current flow.
Complete isolation of data signals and power is possible using
i
Coupler® digital isolation and isoPower® power isolation.
ISOLATOR
POINT A
POINT B
ISOLATION
BARRIER
INFORMATION FLOW
NO CURRENT FLOW
PROTECT HUMANS/
EQUIPMENT
ELIMINATE GROUNDING
PROBLEMS
IMPROVE SYSTEM
PERFORMANCE
Figure 20. Galvanic Isolation Allows Information Flow While Preventing
Ground Current Flow
Applications of isolation for LVDS and M-LVDS are safety
isolation and/or functional isolation of board-to-board, back-
plane, and PCB communication links.
An example of safety isolation is a system with an M-LVDS
backplane where one or more plug-in cards are at risk from high
voltage transients. Isolating the M-LVDS interface ensures that
such fault conditions do not affect other circuits in the system.
An example of an application where functional isolation is
beneficial is measurement equipment. Isolating LVDS links, for
example, between an ADC and FPGA, can provide a floating
ground plane to boost the integrity of measurement data,
minimizing interference from the rest of the application.
The circuit shown in Figure 21 is an isolated LVDS Interface
Circuit from the Lab (CFTL), demonstrating complete isolation
of an LVDS interface (see the References section). The ADuM3442
provides digital isolation of the logic inputs to the ADN4663
LVDS driver and the logic outputs from the ADN4664 LVDS
receiver.
Together with provision of isolated power using the ADuM5000,
a number of challenges to isolating LVDS links in industrial and
instrumentation applications are met that include the following:
Isolation of the logic signals to/from the LVDS drivers/
receivers, ensuring standard LVDS communication on the
bus side of the circuit.
Highly integrated isolation using just two additional wide-
body SOIC devices, the ADuM3442 and ADuM5000, to
isolate the standard LVDS devices, the ADN4663 and
ADN4664.
Low power consumption compared to traditional isolation
(opto-couplers).
Multiple channels of isolation. This circuit demonstrates
quad-channel isolation (in this case, two transmit and two
receive channels).
High speed operation; the isolation can operate at up to
150 Mbps, facilitating basic LVDS speed requirements.
The circuit shown in Figure 21 isolates a dual-channel LVDS
line driver and a dual-channel LVDS receiver. This allows
demonstration of two complete transmit and receive paths
on a single board.
OSC
REC
VISO
VDD1
VDD1
VDD2
REG
ADuM5000
3.3V
ADuM3442
ISO 3.3V
ISO 3.3V
DIN1
DOUT1+
DOUT1–
VCC
ADN4663
DIN2
DOUT2+
DOUT2–
LVDS
BUS
ADN4664
ROUT1
RIN1+
RIN1–
VCC
ROUT2
RIN2+
RIN2–
ISO 3.3V
FPGA
ISOLATION
BARRIER
GND
IN1
IN2
OUT1
OUT2
100Ω
100Ω
R1
R2
Figure 21. Isolated LVDS Interface Circuit (Simplified Schematic, All Connections Not Shown)


Similar Part No. - ADN4693E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4693E AD-ADN4693E Datasheet
452Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex
REV. A
ADN4693E AD-ADN4693E Datasheet
364Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex
REV. A
ADN4693E AD-ADN4693E Datasheet
581Kb / 8P
   High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
REV. 0
ADN4693E AD-ADN4693E Datasheet
307Kb / 8P
   High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4693E AD-ADN4693E Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
More results

Similar Description - ADN4693E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
logo
Texas Instruments
PCI2250PCM TI1-PCI2250PCM Datasheet
64Kb / 16P
[Old version datasheet]   Implementation Guide
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Analog Devices
AN-960 AD-AN-960 Datasheet
252Kb / 12P
   RS-485/RS-422 CIRCUIT IMPLEMENTATION GUIDE
REV. 0
logo
Maxim Integrated Produc...
MAX9176 MAXIM-MAX9176 Datasheet
245Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 2:1 Multiplexers
Rev 0; 1/03
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
[Old version datasheet]   SINGLE M-LVDS RECEIVERS
logo
Maxim Integrated Produc...
MAX9174 MAXIM-MAX9174 Datasheet
268Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 1:2 Splitters
Rev 0; 4/03
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
National Semiconductor ...
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com