Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4668 Datasheet(PDF) 8 Page - Analog Devices

Part # ADN4668
Description  LVDS and M-LVDS Circuit Implementation Guide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4668 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN4668 Datasheet HTML 4Page - Analog Devices ADN4668 Datasheet HTML 5Page - Analog Devices ADN4668 Datasheet HTML 6Page - Analog Devices ADN4668 Datasheet HTML 7Page - Analog Devices ADN4668 Datasheet HTML 8Page - Analog Devices ADN4668 Datasheet HTML 9Page - Analog Devices ADN4668 Datasheet HTML 10Page - Analog Devices ADN4668 Datasheet HTML 11Page - Analog Devices ADN4668 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AN-1177
Application Note
Rev. 0 | Page 8 of 12
JITTER, SKEW, DATA ENCODING, AND SYNCHRONIZATION
With high speed differential signaling, such as LVDS and
M-LVDS, accurate timing is critical to the performance of a
system. PCB traces, connectors, and cabling can degrade the
performance of data and clock signals, requiring that a margin
for error is also present in system timing. This means that
careful timing analysis may be required to achieve the maxi-
mum throughput on an LVDS or M-LVDS communication link.
Modern FPGAs and processors also have built-in capabilities to
correct for timing errors, although there may be clearly defined
limits to the amount of jitter tolerated, for example.
WHAT IS JITTER?
Jitter refers to the apparent movement of a signal edge with
respect to the ideal time position of that signal edge. If a
periodic signal is observed on an oscilloscope, the edges
literally jitter back and forth with respect to the reference point.
TIE
EYE
JITTER
(PEAK-
TO-PEAK)
IDEAL
ACTUAL
(ONE
PASS)
ACTUAL
(MULTIPLE
PASSES)
Figure 16. Waveforms Showing Time Interval Error, Jitter and Eye
Jitter can be quantified simply as time interval error, the time
difference between when a signal edge occurs, and when it
should occur. Usually in order to determine the sources of
jitter, a large number of TIE samples are recorded to build a
histogram, from which deterministic jitter can be separated
from random jitter. Total jitter can be quantified as a peak-to-
peak value when bounded to a specific quantity of samples.
The peak-to-peak value means the time difference between
the earliest and latest edge observed during sampling.
Peak-to-peak jitter can be seen visually if multiple waveform
samples are overlaid on an oscilloscope display (infinite
persistence), as shown in Figure 16. The width of the overlaid
transitions is the peak-to-peak jitter, with the clear area in-
between referred to as the eye. This eye is the area available for
sampling by a receiver.
Random jitter occurs due to noise, both electrical and thermal.
The result is a Gaussian distribution to the time error, with this
error introduced as random jitter. The jitter is unbounded;
when more samples are recorded, the probability function
continues to grow.
Deterministic jitter is, by contrast, bounded. There is a fixed
amount of this jitter in the system due to specific factors, such
as the board layout and driver performance. Periodic jitter is
one type of deterministic jitter and refers to the time difference
between each cycle compared to the ideal. Periodic jitter is also
recorded as a peak-to-peak value, that is, the difference between
the longest and shortest periods observed
WHAT IS SKEW?
There are different definitions for skew, several of which are
typically considered in designing high speed LVDS links. The
most basic definition of skew is the difference in propagation
time between the two signals in a differential pair. This means
that edge transitions on one signal in a pair will not match up
exactly with transitions on the complementary signal (the
crossover will be asymmetric).
INPUT
ACTUAL
OUTPUT
IDEAL
OUTPUT
tPLH = tPHL
tPLH
tPHL
PULSE SKEW
(
tPHL tPLH)
D–
D+
D–
D+
D–
D+
Figure 17. Waveforms Illustrating Pulse Skew Calculation
Pulse skew on a differential signal refers to the difference
between the low-to-high transition time (tPLH) and the high-to-
low transition time (tPHL). This results in duty cycle distortion,
that is, the bit period is longer or shorter for a Logic 1 or Logic 0.
Pulse skew is illustrated in Figure 17. The blue waveform
corresponds to an input signal, the green waveform to an ideal
output (where propagation times on high-to-low and low-to-
high transitions are matched), and the red waveform to an
actual output, where the difference between tPLH and tPHL results
in pulse skew.
Channel-to-channel skew and part-to-part skew are some of
the most important parameters in typical LVDS applications
because they have multiple data channels that need to remain
synchronized. Channel-to-channel skew refers to the difference,
across all channels in a part, between the fastest and slowest
low-to-high transition, or the fastest and slowest high-to-low
transition (whichever is larger). Part-to-part skew extends this
concept to channels across multiple parts.
Skew across multiple channels (on one or multiple parts) is
illustrated in Figure 18. The blue waveform corresponds to an
input signal, with the four red waveforms comprising output
channels on one or more parts. The difference between the
fastest and slowest tPLH is calculated, along with the difference
between the fastest and slowest tPHL. The channel-to-channel or


Similar Part No. - ADN4668

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
ADN4668 AD-ADN4668 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. A
ADN4668 AD-ADN4668 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
ADN4668ARUZ AD-ADN4668ARUZ Datasheet
306Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
ADN4668ARUZ AD-ADN4668ARUZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
More results

Similar Description - ADN4668

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
logo
Texas Instruments
PCI2250PCM TI1-PCI2250PCM Datasheet
64Kb / 16P
[Old version datasheet]   Implementation Guide
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Analog Devices
AN-960 AD-AN-960 Datasheet
252Kb / 12P
   RS-485/RS-422 CIRCUIT IMPLEMENTATION GUIDE
REV. 0
logo
Maxim Integrated Produc...
MAX9176 MAXIM-MAX9176 Datasheet
245Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 2:1 Multiplexers
Rev 0; 1/03
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
[Old version datasheet]   SINGLE M-LVDS RECEIVERS
logo
Maxim Integrated Produc...
MAX9174 MAXIM-MAX9174 Datasheet
268Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 1:2 Splitters
Rev 0; 4/03
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
National Semiconductor ...
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com