Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDB3632 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDB3632
Description  N-Channel PowerTrench MOSFET 100V, 80A, 9m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB3632 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDB3632 Datasheet HTML 1Page - Fairchild Semiconductor FDB3632 Datasheet HTML 2Page - Fairchild Semiconductor FDB3632 Datasheet HTML 3Page - Fairchild Semiconductor FDB3632 Datasheet HTML 4Page - Fairchild Semiconductor FDB3632 Datasheet HTML 5Page - Fairchild Semiconductor FDB3632 Datasheet HTML 6Page - Fairchild Semiconductor FDB3632 Datasheet HTML 7Page - Fairchild Semiconductor FDB3632 Datasheet HTML 8Page - Fairchild Semiconductor FDB3632 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2003 Fairchild Semiconductor Corporation
April 2003
FDB3632 / FDP3632 / FDI3632 Rev. B1
FDB3632 / FDP3632 / FDI3632
N-Channel PowerTrench® MOSFET
100V, 80A, 9m
Features
•rDS(ON) = 7.5mΩ (Typ.), VGS = 10V, ID = 80A
•Qg(tot) = 84nC (Typ.), VGS = 10V
• Low Miller Charge
•Low QRR Body Diode
• UIS Capability (Single Pulse and Repetitive Pulse)
• Qualified to AEC Q101
Formerly developmental type 82784
Applications
• DC/DC converters and Off-Line UPS
• Distributed Power Architectures and VRMs
• Primary Switch for 24V and 48V Systems
• High Voltage Synchronous Rectifier
• Direct Injection / Diesel Injection Systems
• 42V Automotive Load Control
• Electronic Valve Train Systems
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a
copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems
certification.
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
100
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
80
A
Continuous (TC < 111
oC, V
GS = 10V)
Continuous (Tamb = 25
oC, V
GS = 10V, R
θJA = 43
oC/W)
12
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 1)
393
mJ
PD
Power dissipation
310
W
Derate above 25oC2.07
W/oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
RθJC
Thermal Resistance Junction to Case TO-220, TO-263, TO-262
0.48
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-220, TO-262 (Note 2)
62
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-263, 1in2 copper pad area
43
oC/W
S
G
D
TO-263AB
FDB SERIES
TO-220AB
FDP SERIES
DRAIN
DRAIN
GATE
GATE
SOURCE
SOURCE
(FLANGE)
DRAIN
(FLANGE)
DRAIN
(FLANGE)
DRAIN
SOURCE
GATE
TO-262AB
FDI SERIES


Similar Part No. - FDB3632

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB3632 FAIRCHILD-FDB3632 Datasheet
310Kb / 11P
   N-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
FDB3632 KEXIN-FDB3632 Datasheet
53Kb / 2P
   N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDB3632 ISC-FDB3632 Datasheet
356Kb / 3P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDB3632-F085 ONSEMI-FDB3632-F085 Datasheet
1Mb / 12P
   N-Channel PowerTrench® MOSFET 100V, 80A, 9mΩ
August-2017, Rev. 3
logo
Fairchild Semiconductor
FDB3632 FAIRCHILD-FDB3632_12 Datasheet
489Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 80A, 9m廓
More results

Similar Description - FDB3632

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB3632 FAIRCHILD-FDB3632_12 Datasheet
489Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 80A, 9m廓
FDB3632_F085 FAIRCHILD-FDB3632_F085 Datasheet
489Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 80A, 9m廓
FDP3651U FAIRCHILD-FDP3651U Datasheet
388Kb / 6P
   N-Channel PowerTrench MOSFET 100V, 80A, 15mOHM
logo
ON Semiconductor
FDB3632-F085 ONSEMI-FDB3632-F085 Datasheet
1Mb / 12P
   N-Channel PowerTrench® MOSFET 100V, 80A, 9mΩ
August-2017, Rev. 3
logo
Fairchild Semiconductor
FDD3690 FAIRCHILD-FDD3690 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3612 FAIRCHILD-FDC3612 Datasheet
134Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
   100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
   100V N-Channel PowerTrench MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com