Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NKE0512DC Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NKE0512DC
Description  Isolated Sub-Miniature 1W Single Output DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NKE0512DC Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NKE0512DC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NKE0512DC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NKE0512DC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NKE0512DC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NKE0512DC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NKE0512DC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NKE0512DC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NKE Series
Isolated Sub-Miniature 1W Single Output DC/DC Converters
KDC_NKE.K03 Page 2 of 7
www.murata-ps.com/support
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40°C to 120°C, see derating graphs
1.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%/%
Load Regulation1
10% load to rated load, 3.3V output types & 0309
10
15
%
10% load to rated load, 5V output types
12
15
10% load to rated load, 9V output types
7.5
10
10% load to rated load, 12V output types
6.5
9.5
10% load to rated load, 15V output types
6.0
8.5
Ripple and Noise
BW=DC to 20MHz, 3.3V output types & 0305, 0505SEC, 0505DEC
40
80
mV p-p
BW=DC to 20MHz, other 5V output types
77
100
BW=DC to 20MHz, 9V output types
43
90
BW=DC to 20MHz, 12V output types
35
65
BW=DC to 20MHz, 15V output types
32
55
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
3000
VDC
Resistance
Viso= 1000VDC
10
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
All output types
115
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
85
°C
Storage
-50
130
Case temperature rise above
ambient
0505D/S, 1205D/S
41
All other output types
32
Cooling
Free air convection
TECHNICAL NOTES
ISOLATION VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Voltage’, ‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’ are all terms that relate to the same thing, a test voltage,
applied for a specified time, across a component designed to provide electrical isolation, to verify the integrity of that isolation.
Murata Power Solutions NKE series of dc/dc converters are all 100% production tested at their stated isolation voltage. This is 1000V DC for 1 second.
A question commonly asked is, “What is the continuous voltage that can be applied across the part in normal operation?”
The NKE series has been recognized by Underwriters Laboratory for functional insulation. Both input and output should normally be maintained within SELV limits i.e. less than
42.4V peak, or 60VDC. The isolation test voltage represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation sys-
tem. The part could be expected to function correctly with several hundred volts offset applied continuously across the isolation barrier; but then the circuitry on both sides of the
barrier must be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a barrier between these circuits and any user-accessible circuitry
according to safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materi-
als, construction and environment. While manufactured parts can withstand several times the stated test voltage, the isolation capability does depend on the wire insulation. Any
material, including this enamel (typically polyurethane) is susceptible to eventual chemical degradation when subject to very high applied voltages thus implying that the number of
tests should be strictly limited. We therefore strongly advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be reduced by 20% from
specified test voltage.
1. 12V input types have typically 3% less load regulation.
SAFETY APPROVAL
The NKE series has been recognised by Underwriters Laboratory (UL) to UL 60950 for functional insulation in a maximum ambient temperature of 85ºC and/or case temperature
limit of 130ºC. Case temperature measured on the face opposite the pins. File number E179522 applies.


Similar Part No. - NKE0512DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NKE0512DC MURATA-PS-NKE0512DC Datasheet
257Kb / 9P
   Isolated Sub-Miniature 1W Single Output DC-DC Converters
2023
More results

Similar Description - NKE0512DC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NKE CANDD-NKE Datasheet
173Kb / 2P
   Isolated Sub-Miniature 1W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NKA MURATA-KDC_NKA Datasheet
145Kb / 4P
   Isolated Sub-Miniature 1W Dual Output DC/DC Converters
logo
C&D Technologies
NKA CANDD-NKA Datasheet
104Kb / 2P
   Isolated Sub-Miniature 1W Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TKA-A TOPPOWER-TKA-A_17 Datasheet
460Kb / 3P
   1W 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
MicroPower Direct, LLC
E100 MPD-E100 Datasheet
160Kb / 2P
   Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
Toppower Electronic Tec...
TKA-A TOPPOWER-TKA-A Datasheet
432Kb / 3P
   1W 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com