Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5368B Datasheet(PDF) 3 Page - First Components International

Part # 1N5368B
Description  5.0 WATTS ZENER DIODE EXCELLENT CLAMPING CAPABILITY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

1N5368B Datasheet(HTML) 3 Page - First Components International

  1N5368B Datasheet HTML 1Page - First Components International 1N5368B Datasheet HTML 2Page - First Components International 1N5368B Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGD AND CHARACTEISTIC CURVES 1N5342B THRU 1N5388B
100
10
1
0.1
VZ, ZENER VOLTAGE (VOLTS)
Figure 10. Zener Voltage versus Zener Current
VZ=82 thru 200 Volts
80
100
120
140
160
180
200
220
1000
100
10
1
0.1
1
2
3
4
5
6
7
8
9
10
VZ, ZENER VOLTAGE (VOLTS)
Figure 8. Zener Voltage versus Zener Current
VZ=3.3 thru 10 Volts
Tc=25℃
1000
100
10
1
0.1
VZ, ZENER VOLTAGE (VOLTS)
Figure 9. Zener Voltage versus Zener Current
VZ=11 thru 75 Volts
10
20
30
40
50
60
70
80
T=25℃
30
20
10
5
2
1
0.5
0.2
0.1
1
10
100
1000
PW, PULSE WIDTH (ms)
Figure 7. Peak Surge Current versus Pulse Width
VZ=200V
VZ=3.3V
PLOTTED FROMINFORMATION
GIVEN IN FIGURE 6
40
20
10
4
2
1
0.4
0.2
0.1
3
4
6
810
20
30
40
60 80100
200
NOMINAL VZ(V)
Figure 6. Maximum Non-Repetitive Surge
Current versus Nominal Zener Voltage
PW=100ms
PW=1000ms
PW=8.3ms
PW=1ms
SQUARE WAVE
11-13
Data Sheet
5.0 WATTS ZENER DIODE
1N5342B~1N5388B


Similar Part No. - 1N5368B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5368B MOTOROLA-1N5368B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Formosa MS
1N5368B FORMOSA-1N5368B Datasheet
948Kb / 4P
   5W Zener Diode 5.1 to 200V
logo
Semikron International
1N5368B SEMIKRON-1N5368B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Yangzhou yangjie electr...
1N5368B YANGJIE-1N5368B Datasheet
447Kb / 5P
   Zener Diodes
logo
Pan Jit International I...
1N5368B PANJIT-1N5368B Datasheet
53Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5368B

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
   Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com