Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV32T-331J-PF Datasheet(PDF) 1 Page - TDK Electronics

Part # NLV32T-331J-PF
Description  For General Applications SMD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLV32T-331J-PF Datasheet(HTML) 1 Page - TDK Electronics

  NLV32T-331J-PF Datasheet HTML 1Page - TDK Electronics NLV32T-331J-PF Datasheet HTML 2Page - TDK Electronics NLV32T-331J-PF Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• All specifications are subject to change without notice.
(1/3)
002-03 / 20031028 / e511_nlv32.fm
Inductors
NLV Series NLV32 Type
For General Applications
SMD
FEATURES
• The product has good heat durability that withstands lead-free
compatible reflow soldering conditions.
• Lead-free material is used for the plating on the terminal.
• The electrical characteristics, reliability, shape and pad shape
are the same as the previous NL series.
• The product uses metal terminals, which realize excellent con-
nection reliability.
• Highly heat resistant thermoplastic resin is used to form the
exterior package.
• From 0.01µH to 470µH, all of the products in the E-12 series are
J(±5%) tolerance products.
• This product conforms to the RoHS standard.
APPLICATIONS
PCs, hard disk drives, and other types of electronics
SPECIFICATIONS
RECOMMENDED SOLDERING CONDITIONS
REFLOW SOLDERING
FLOW SOLDERING
IRON SOLDERING
Based on the above conditions, use a maximum product temperature of
260°C and a maximum accumulated heating time of 10 seconds as a
guideline.
• Please contact us for details.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions LxWxT
(3) Packaging style
(4) Inductance value
(5) Inductance tolerance
(6) Lead-free compatible product
PACKAGING STYLE AND QUANTITIES
PRECAUTIONS
• The exterior of this product can melt since due to thermoplastic
construction. During mechanical contact while at the plastic soft-
ening temperature, deformation can occur at the contact loca-
tion. Therefore caution is required when utilizing a soldering iron
during the soldering operation.
FLUX AND CLEANING
Rosin-based flux is recommended.
Cleaning Conditions
Operating temperature range
–40 to +85°C
Storage temperature range
–40 to +85°C [Unit of products]
Tip temperature
300 to 350°C
Heating time
3 sec/soldering
Soldering rod specifications
Output: 30W Tip diameter: 1mm
150˚C
180˚C
255˚C
230˚C
Pre-heating
90 to 120s
40s max.
10s max.
Natural
cooling
Time(s)
150˚C
170˚C
260˚C max.
Pre-heating
60 to 120s
10s max.
Natural
cooling
Time(s)
NLV 32 T- 2R2
J - PF
(1)
(2) (3) (4) (5)
(6)
32
3.2
×2.5×2.2mm
T
Taping (reel)
1R0
1
µH
220
22
µH
J±5%
PF
Lead-free compatible product
Packaging style
Quantity
Taping
2000 pieces/reel
Solvent
Please select the solvent of this product avoiding a strong
acid and a strong alkali, and considering the environments.
Time
2min max.


Similar Part No. - NLV32T-331J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV32T-331J-PF TDK-NLV32T-331J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NLV32T-331J-PF TDK-NLV32T-331J-PF Datasheet
141Kb / 3P
   Inductors (Coils)
NLV32T-331J-PFD TDK-NLV32T-331J-PFD Datasheet
142Kb / 10P
   Inductors for Standard Circuits Wound Ferrite
More results

Similar Description - NLV32T-331J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NL4532 TDK-NL4532 Datasheet
88Kb / 3P
   For General Applications SMD
NL2016 TDK-NL2016 Datasheet
61Kb / 2P
   For General Applications
logo
MAKO SEMICONDUCTOR CO.,...
BC818-40 MAKOSEMI-BC818-40 Datasheet
102Kb / 2P
   For general AF applications
BC818-25 MAKOSEMI-BC818-25 Datasheet
102Kb / 2P
   For general AF applications
BC818-16 MAKOSEMI-BC818-16 Datasheet
102Kb / 2P
   For general AF applications
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
   For general purpose applications
Rev. 1.2, 14-Oct-16
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_11 Datasheet
522Kb / 7P
   For general AF applications
2011-10-05
BCV29 INFINEON-BCV29_11 Datasheet
522Kb / 7P
   For general AF applications
2011-10-05
logo
Vishay Siliconix
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
   For general purpose applications
Rev. 1.7, 25-Aug-16
logo
Infineon Technologies A...
BCX68 INFINEON-BCX68_11 Datasheet
523Kb / 7P
   For general AF applications
2011-10-06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com