Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

604D Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 604D
Description  Aluminum Capacitors 4-Terminal, Tubular, Axial Lead
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

604D Datasheet(HTML) 5 Page - Vishay Siliconix

  604D_13 Datasheet HTML 1Page - Vishay Siliconix 604D_13 Datasheet HTML 2Page - Vishay Siliconix 604D_13 Datasheet HTML 3Page - Vishay Siliconix 604D_13 Datasheet HTML 4Page - Vishay Siliconix 604D_13 Datasheet HTML 5Page - Vishay Siliconix 604D_13 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
604D
www.vishay.com
Vishay Sprague
Revision: 24-Apr-13
5
Document Number: 42040
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
75 WVDC AT + 85 °C, SURGE = 100 V
220
604D221F075GJ2
19.05 x 41.28
0.650
0.384
0.78
270
604D271F075GL2
19.05 x 53.98
0.500
0.295
1.00
390
604D391F075HJ2
22.23 x 41.28
0.370
0.218
1.10
560
604D561F075HL2
22.23 x 53.98
0.290
0.171
1.40
820
604D821F075HP2
22.23 x 66.68
0.200
0.118
1.95
1000
604D102F075HS2
22.23 x 79.38
0.153
0.090
2.25
680
604D681F075JL2
25.04 x 53.98
0.230
0.136
1.85
1500
604D152F075JS2
25.04 x 79.38
0.130
0.077
2.95
1800
604D182F075JT2
25.04 x 92.08
0.100
0.059
3.55
100 WVDC AT + 85 °C, SURGE = 125 V
150
604D151F100GJ2
19.05 x 41.28
1.000
0.530
0.70
180
604D181F100GL2
19.05 x 53.98
0.765
0.405
0.90
270
604D271F100HJ2
22.23 x 41.28
0.565
0.300
0.93
390
604D391F100HL2
22.23 x 53.98
0.435
0.230
1.20
560
604D561F100HP2
22.23 x 66.68
0.300
0.159
1.60
470
604D471F100JL2
25.04 x 53.98
0.340
0.180
1.55
820
604D821F100JP2
25.04 x 66.68
0.235
0.125
2.10
1000
604D102F100JS2
25.04 x 79.38
0.185
0.098
2.65
1200
604D122F100JT2
25.04 x 92.08
0.150
0.080
3.15
200 WVDC AT + 85 °C, SURGE = 250 V
47
604D470F200GJ2
19.05 x 41.28
2.600
0.780
0.60
82
604D820F200GJ2
19.05 x 41.28
1.530
0.460
0.75
120
604D121F200HL2
22.23 x 53.98
1.300
0.390
0.95
180
604D181F200HP2
22.23 x 66.68
0.865
0.259
1.25
270
604D271F200HT2
22.23 x 92.08
0.520
0.156
1.90
220
604D221F200JP2
25.04 x 66.68
0.650
0.195
1.67
390
604D391F200JT2
25.04 x 92.08
0.405
0.122
2.50
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
PART NUMBER
NOMINAL CASE SIZE
D x L
(mm)
MAX. ESR
AT 100 kHz/25 °C
(
)
MAX. Z
AT 100 kHz/25 °C
(
)
MAX. RIPPLE
CURRENT
AT 100 kHz/85 °C
(A)


Similar Part No. - 604D_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
604D102F025GJ2 VISHAY-604D102F025GJ2 Datasheet
100Kb / 6P
   Aluminum Capacitors 4-Terminal, Tubular, Axial Lead
20-Jul-16
604D102F030GL2 VISHAY-604D102F030GL2 Datasheet
100Kb / 6P
   Aluminum Capacitors 4-Terminal, Tubular, Axial Lead
20-Jul-16
604D102F040HJ2 VISHAY-604D102F040HJ2 Datasheet
100Kb / 6P
   Aluminum Capacitors 4-Terminal, Tubular, Axial Lead
20-Jul-16
604D102F050JL2 VISHAY-604D102F050JL2 Datasheet
100Kb / 6P
   Aluminum Capacitors 4-Terminal, Tubular, Axial Lead
20-Jul-16
604D102F075HS2 VISHAY-604D102F075HS2 Datasheet
100Kb / 6P
   Aluminum Capacitors 4-Terminal, Tubular, Axial Lead
20-Jul-16
More results

Similar Description - 604D_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
604D VISHAY-604D_V01 Datasheet
100Kb / 6P
   Aluminum Capacitors 4-Terminal, Tubular, Axial Lead
20-Jul-16
604D VISHAY-604D Datasheet
33Kb / 2P
   Aluminum Capacitors 4-Terminal, Tubular, Axial Lead
Revision: 13-Apr-04
601D VISHAY-601D_13 Datasheet
112Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 26-Apr-13
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
601D VISHAY-601D Datasheet
43Kb / 2P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 17-Nov-06
601D VISHAY-601D_08 Datasheet
148Kb / 3P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 10-Jul-08
53D VISHAY-53D_13 Datasheet
77Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 24-Apr-13
53D VISHAY-53D Datasheet
170Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 22-Jul-08
U673D VISHAY-U673D Datasheet
384Kb / 13P
   Aluminum Capacitors 105 °C, Tubular Radial Lead
Revision: 16-Jul-08
logo
Illinois Capacitor, Inc...
105HST050M ILLINOISCAPACITOR-105HST050M Datasheet
397Kb / 3P
   125째C Axial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com