Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EBC
Description  Aluminum Capacitors Axial Capacitor Style
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EBC Datasheet(HTML) 2 Page - Vishay Siliconix

  EBC Datasheet HTML 1Page - Vishay Siliconix EBC Datasheet HTML 2Page - Vishay Siliconix EBC Datasheet HTML 3Page - Vishay Siliconix EBC Datasheet HTML 4Page - Vishay Siliconix EBC Datasheet HTML 5Page - Vishay Siliconix EBC Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Not For New Design
EBC
www.vishay.com
Vishay Roederstein
Revision: 22-Jan-13
2
Document Number: 25142
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values apply at
Ta = 20 °C, P = 80 kPa to 106 kPa, RH = 45 % to 75 %.
ORDERING EXAMPLE
The following table gives the ordering number.
The 16th place of ordering code refers to packaging for axial
lead capacitors:
MALAEBC00FL210J...
EBC 1000 μF 63 V 8 x 18
MALAEBC00FL210JA0W
A = Taped on reel
MALAEBC00FL210JB0W
B = Taped ammo
Please see Dimensions table for available versions.
DIMENSIONS in millimeters AND AVAILABLE FORMS
DIMENSIONS in millimeters, MASS, PACKAGING, AND ORDERING CODE
CASE SIZE
Ø D x L
LEAD
Ø d
Ø Dmax.
Lmax.
Amin.
B
WEIGHT
APPROX.
(g)
PACKAGING, ENDING OF ORDERING CODE,
QUANTITIES
TAPED ON REEL
TAPED AMMO
CODE
PIECES
CODE
PIECES
6.5 x 18
0.8
6.9
18.5
25
73.0 ± 1.6
1.3
..A0W
1000
..B0W
1000
8 x 18
0.8
8.5
18.5
25
73.0 ± 1.6
1.7
..A0W
500
..B0W
500
10 x 18
0.8
10.5
18.5
25
73.0 ± 1.6
2.5
..A0W
500
..B0W
500
10 x 25
0.8
10.5
25.5
30
73.0 ± 1.6
3.3
..A0W
500
..B0W
500
B
Ø d
Ø D
L
L
Ø d
Ø D
A
+
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz
UR
Rated voltage
tan
Max. dissipation factor at 100 Hz
RESR
Equivalent series resistance at 100 Hz
(calculated from tan
max. and CR)
Z
Max. impedance at 10 kHz
IR
Rated alternating current (RMS) at 100 Hz and
upper category temperature
Ta
Ambient temperature
TUC
Upper category temperature
RH
Relative humidity
PAmbient pressure


Similar Part No. - EBC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EBC VISHAY-EBC Datasheet
93Kb / 6P
   Aluminum Capacitors Axial Capacitor Style
Revision: 23-Jun-08
logo
Inventronics Inc.
EBC-042S105DV-0000 INVENTRONICS-EBC-042S105DV-0000 Datasheet
1,018Kb / 8P
   42W Constant Current IP67 Driver
Rev. D
EBC-042S105DV-0004 INVENTRONICS-EBC-042S105DV-0004 Datasheet
1,018Kb / 8P
   42W Constant Current IP67 Driver
Rev. D
EBC-042S105DV-0007 INVENTRONICS-EBC-042S105DV-0007 Datasheet
1,018Kb / 8P
   42W Constant Current IP67 Driver
Rev. D
EBC-042S105DV-000X INVENTRONICS-EBC-042S105DV-000X Datasheet
1,018Kb / 8P
   42W Constant Current IP67 Driver
Rev. D
More results

Similar Description - EBC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EBC VISHAY-EBC Datasheet
93Kb / 6P
   Aluminum Capacitors Axial Capacitor Style
Revision: 23-Jun-08
EL000AN210BB0W VISHAY-EL000AN210BB0W Datasheet
96Kb / 7P
   Aluminum Capacitors Axial Capacitors Style
Revision: 13-Apr-12
ELM VISHAY-ELM Datasheet
87Kb / 6P
   Aluminum Capacitors Axial Capacitors Style
Revision: 12-Dec-12
EBUEBT VISHAY-EBUEBT Datasheet
97Kb / 7P
   Aluminum Capacitors Axial Non-Polar Capacitor Styles
Revision: 11-Jun-08
logo
jb Capacitors Company
JAC JBCAPACITORS-JAC Datasheet
203Kb / 1P
   Axial Aluminum Electrolytic Capacitor
JAA JBCAPACITORS-JAA Datasheet
210Kb / 2P
   Axial Aluminum Electrolytic Capacitor
JAB JBCAPACITORS-JAB Datasheet
200Kb / 2P
   Axial Aluminum Electrolytic Capacitor
JAD JBCAPACITORS-JAD Datasheet
200Kb / 1P
   Axial Aluminum Electrolytic Capacitor
JAE JBCAPACITORS-JAE Datasheet
201Kb / 1P
   Axial Aluminum Electrolytic Capacitor
JAF JBCAPACITORS-JAF Datasheet
203Kb / 1P
   Axial Aluminum Electrolytic Capacitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com