Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

672D108F6REK5D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 672D108F6REK5D
Description  Aluminum Capacitors 105 °C, Miniature, Radial Lead
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

672D108F6REK5D Datasheet(HTML) 1 Page - Vishay Siliconix

  672D108F6REK5D Datasheet HTML 1Page - Vishay Siliconix 672D108F6REK5D Datasheet HTML 2Page - Vishay Siliconix 672D108F6REK5D Datasheet HTML 3Page - Vishay Siliconix 672D108F6REK5D Datasheet HTML 4Page - Vishay Siliconix 672D108F6REK5D Datasheet HTML 5Page - Vishay Siliconix 672D108F6REK5D Datasheet HTML 6Page - Vishay Siliconix 672D108F6REK5D Datasheet HTML 7Page - Vishay Siliconix 672D108F6REK5D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
672D
www.vishay.com
Vishay Sprague
Revision: 22-May-13
1
Document Number: 42054
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors
+ 105 °C, Miniature, Radial Lead
FEATURES
• Original SMPS output capacitors
• Minimal ESR change
• High ripple current capability
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
Ø D x L in inches [mm]
0.394 x 0.472 [10.0 x 12.0]
to 0.709 x 1.575 [18.0 x 40.0]
Operating temperature
- 55 °C to + 105 °C
Rated capacitance range, CR
4.7 μF to 3300 μF
Tolerance on CR
- 10 %, + 50 %
Rated voltage range, UR
6.3 WVDC to 250 WVDC
Termination
2 and 3 radial leads and axial
mount.
Life validation test at 105 °C
4000 h (> 0.394" [10.0] diameter):
3000 h (> 0.394" [10.0] diameter):
CAP  20 % from individual
measurement.
ESR  1.15 x initial specified limit.
DCL  3 x initial specified limit.
Shelf life at 105 °C
500 h:
CAP  10 % from initial
measurement.
ESR  1.15 x initial specified limit.
DCL  2 x initial specified limit,
(6.3 WVDC to 100 WVDC);
 3 x initial specified limit,
(150 WVDC to 250 WVDC).
DC leakage current at 25 °C
6.3 WVDC to 100 WVDC
I = 0.03
150 WVDC to 250 WVDC
I = 0.01 CV
I in μA, C in μF, V in Volts
CV
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE
AMBIENT
TEMPERATURE
MULTIPLIERS
+ 105 °C
0.5
+ 85 °C
1.0
 + 75 °C
1.25
FREQUENCY (Hz)
WVDC
50 TO 60
100 TO 120 300 TO 400
1K TO 19K
0 to 75
0.60
0.70
0.75
0.80
76 to 100
0.40
0.55
0.70
0.80
101 to 250
0.25
0.35
0.45
0.65
LOW TEMPERATURE PERFORMANCE
CAPACITANCE RATIO C - 55 °C/C + 25 °C MINIMUM AT 120 Hz
MAXIMUM
CAPACITANCE
CHANGE
VOLTAGE
MULTIPLIER
6.3 V to 100 V
0.75
150 V to 250 V
0.70
MAXIMUM
IMPEDANCE
CHANGE
VOLTAGE
MULTIPLIER
6.3 V to 100 V
2.5
150 V to 250 V
2.0
ESL (TYPICAL VALUES AT 1 MHz TO 10 MHz)
NOMINAL
DIAMETER
0.394
[10.0]
0.512
[13.0]
0.630
[16.0]
0.709
[18.0]
TYPICAL ESL (nH)
4.0
7.0
10.0
12.0
Available


Similar Part No. - 672D108F6REK5D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
672D108F6REK5D VISHAY-672D108F6REK5D Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
More results

Similar Description - 672D108F6REK5D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
517D VISHAY-517D Datasheet
103Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 07-Nov-06
U673D VISHAY-U673D Datasheet
384Kb / 13P
   Aluminum Capacitors 105 °C, Tubular Radial Lead
Revision: 16-Jul-08
510DX VISHAY-510DX Datasheet
90Kb / 5P
   Aluminum Capacitors 125 °C, Miniature, Radial Lead
Revision: 07-Jan-13
515D VISHAY-515D Datasheet
101Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
Revision: 07-Jan-13
515D VISHAY-515D_V01 Datasheet
111Kb / 8P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com