Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC6301 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDC6301
Description  Dual N-Channel , Digital FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6301 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDC6301 Datasheet HTML 1Page - Fairchild Semiconductor FDC6301 Datasheet HTML 2Page - Fairchild Semiconductor FDC6301 Datasheet HTML 3Page - Fairchild Semiconductor FDC6301 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (T
A = 25
O
C unless otherwise noted )
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250 µA
25
V
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
o C
25
mV /
oC
I
DSS
Zero Gate Voltage Drain Current
V
DS = 20 V, VGS = 0 V
1
µA
T
J = 55°C
10
µA
I
GSS
Gate - Body Leakage Current
V
GS = 8 V, VDS= 0 V
100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)/TJ
Gate Threshold Voltage Temp.Coefficient
I
D = 250 µA, Referenced to 25
o C
-2.1
mV /
oC
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = 250 µA
0.65
0.85
1.5
V
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = 2.7 V, ID = 0.2 A
3.8
5
T
J =125°C
6.3
9
V
GS = 4.5 V, ID = 0.4 A
3.1
4
I
D(ON)
On-State Drain Current
V
GS = 2.7 V, VDS = 5 V
0.2
A
g
FS
Forward Transconductance
V
DS = 5 V, ID= 0.4 A
0.25
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = 10 V, VGS = 0 V,
f = 1.0 MHz
9.5
pF
C
oss
Output Capacitance
6
pF
C
rss
Reverse Transfer Capacitance
1.3
pF
SWITCHING CHARACTERISTICS (Note 2)
t
D(on)
Turn - On Delay Time
V
DD = 6 V, ID = 0.5 A,
V
GS = 4.5 V, RGEN = 50
5
10
ns
t
r
Turn - On Rise Time
4.5
10
ns
t
D(off)
Turn - Off Delay Time
4
8
ns
t
f
Turn - Off Fall Time
3.2
7
ns
Q
g
Total Gate Charge
V
DS = 5 V, ID = 0.2 A,
V
GS = 4.5 V
0.49
0.7
nC
Q
gs
Gate-Source Charge
0.22
nC
Q
gd
Gate-Drain Charge
0.07
nC
Inverter Electrical Characteristics (T
A = 25°C unless otherwise noted)
I
O (off)
Zero Input Voltage Output Current
V
CC = 20 V, VI = 0 V
1
µA
V
I (off)
Input Voltage
V
CC = 5 V, IO = 10 µA
0.5
V
V
I (on)
V
O = 0.3 V, IO = 0.005 A
1
V
R
O (on)
Output to Ground Resistance
V
I = 2.7 V, IO = 0.2 A
3.8
5
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by
design while RθCA is determined by the user's board design. RθJA shown below for single device operation on FR-4 in still air.
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
FDC6301N Rev.C
b. 180
OC/W on a 0.005 in2 of pad
of 2oz copper.
a. 140
OC/W on a 0.125 in2 pad of
2oz copper.


Similar Part No. - FDC6301

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6301N FAIRCHILD-FDC6301N Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
logo
TECH PUBLIC Electronics...
FDC6301N-TP TECHPUBLIC-FDC6301N-TP Datasheet
870Kb / 3P
   Dual N-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FDC6301N FAIRCHILD-FDC6301N_01 Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
More results

Similar Description - FDC6301

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6301N FAIRCHILD-FDG6301N Datasheet
226Kb / 8P
   Dual N-Channel, Digital FET
FDG6313N FAIRCHILD-FDG6313N Datasheet
58Kb / 5P
   Dual N-Channel, Digital FET
FDC6301N FAIRCHILD-FDC6301N_01 Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
FDG6301N_F085 FAIRCHILD-FDG6301N_F085 Datasheet
351Kb / 5P
   Dual N-Channel, Digital FET
logo
ON Semiconductor
FDG6301N-F085 ONSEMI-FDG6301N-F085 Datasheet
640Kb / 6P
   Dual N-Channel, Digital FET
September, 2019 - Rev. 3
logo
Shenzhen Huazhimei Semi...
HM2302BWSR HMSEMI-HM2302BWSR Datasheet
199Kb / 5P
   Dual N-Channel Digital FET
logo
Fairchild Semiconductor
FDG6303N FAIRCHILD-FDG6303N_01 Datasheet
413Kb / 5P
   Dual N-Channel, Digital FET
FDC6303N FAIRCHILD-FDC6303N Datasheet
72Kb / 4P
   Digital FET, Dual N-Channel
FDG6303N FAIRCHILD-FDG6303N Datasheet
226Kb / 8P
   Dual N-Channel, Digital FET
FDG6301N FAIRCHILD-FDG6301N_09 Datasheet
351Kb / 5P
   Dual N-Channel, Digital FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com