Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALREKB00FD433B00K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MALREKB00FD433B00K
Description  Aluminum Capacitors Radial Style
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKB00FD433B00K Datasheet(HTML) 1 Page - Vishay Siliconix

  MALREKB00FD433B00K Datasheet HTML 1Page - Vishay Siliconix MALREKB00FD433B00K Datasheet HTML 2Page - Vishay Siliconix MALREKB00FD433B00K Datasheet HTML 3Page - Vishay Siliconix MALREKB00FD433B00K Datasheet HTML 4Page - Vishay Siliconix MALREKB00FD433B00K Datasheet HTML 5Page - Vishay Siliconix MALREKB00FD433B00K Datasheet HTML 6Page - Vishay Siliconix MALREKB00FD433B00K Datasheet HTML 7Page - Vishay Siliconix MALREKB00FD433B00K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EKB
www.vishay.com
Vishay Roederstein
Revision: 14-Mar-12
1
Document Number: 25013
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors
Radial Style
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case
• High CV-product per unit volume
• Temperature range up to 105 °C
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• General purpose, industrial and audio-video
• Coupling,
decoupling,
timing,
smoothing,
filtering,
buffering in SMPS
• Portable and mobile equipment
QUICK REFERENCE DATA
DESCRIPTION
UNIT
VALUE
Nominal case size (Ø D x L)
mm
5 x 11 to 8 x 11.5
10 x 12.5 to 18 x 40
Rated capacitance range CR
μF
2.2 to 22 000
Capacitance tolerance
%
± 20
Rated voltage range
V
6.3 to 100
160 to 350
400 to 450
Category temperature range
°C
- 55 to + 105
- 40 to + 105
- 25 to + 105
Load life
h
1000
2000
Based on sectional specification
IEC 60384-4/EN 130300
Climatic category
IEC 60068
55/105/56
40/105/56
25/105/56
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
RATED VOLTAGE (V) (> 100 V see next page)
6.3
10
16
25
35
50
63
100
2.2



5 x 11
5 x 11
3.3



5 x 11
5 x 11
4.7



5 x 11
5 x 11
6.8



5 x 11
5 x 11
10



5 x 11
5 x 11
15



5 x 11
6.3 x 11
22



5 x 11
6.3 x 11
33


5 x 11
6.3 x 11
8 x 11.5
47


5 x 11
6.3 x 11
10 x 12.5
68

5 x 11
6.3 x 11
8 x 11.5
10 x 16
100

5 x 11
6.3 x 11
8 x 11.5
10 x 20
150
5 x 11
6.3 x 11
8 x 11.5
10 x 12.5
12.5 x 20
220
5 x 11
6.3 x 11
8 x 11.5
10 x 12.5
10 x 16
12.5 x 25
330
6.3 x 11
8 x 11.5
10 x 12.5
10 x 16
10 x 20
16 x 25
470
6.3 x 11
8 x 11.5
10 x 12.5
10 x 16
10 x 20
12.5 x 20
16 x 25
680
8 x 11.5
10 x 12.5
10 x 16
12.5 x 16
12.5 x 20
12.5 x 25
16 x 31.5
1000
8 x 11.5
10 x 12.5
10 x 16
10 x 20
12.5 x 20
12.5 x 25
16 x 25
18 x 40
1500
10 x 16
12.5 x 16
12.5 x 20
16 x 20
16 x 25
16 x 35.5
-
2200
10 x 20
12.5 x 20
12.5 x 25
16 x 25
16 x 31.5
16 x 35.5
-
3300
12.5 x 16
12.5 x 20
12.5 x 25
16 x 25
16 x 35.5
16 x 35.5
18 x 40
-
4700
12.5 x 20
12.5 x 25
16 x 25
16 x 31.5
16 x 35.5
-
-
-
6800
12.5 x 25
16 x 25
16 x 31.5
18 x 35.5
-
-
-
-
10 000
16 x 25
16 x 35.5
18 x 35.5
-
-
-
-
-
15 000
16 x 35.5
18 x 35.5
-
-
-
-
-
-
22 000
18 x 40
-
-
-
-
-
-
-


Similar Part No. - MALREKB00FD433B00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKB00FD433B00K VISHAY-MALREKB00FD433B00K Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results

Similar Description - MALREKB00FD433B00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com