Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856BWT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # BC856BWT1G
Description  General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC856BWT1G Datasheet(HTML) 4 Page - ON Semiconductor

  BC856BWT1G Datasheet HTML 1Page - ON Semiconductor BC856BWT1G Datasheet HTML 2Page - ON Semiconductor BC856BWT1G Datasheet HTML 3Page - ON Semiconductor BC856BWT1G Datasheet HTML 4Page - ON Semiconductor BC856BWT1G Datasheet HTML 5Page - ON Semiconductor BC856BWT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BC856BWT1, SBC856BWT1 Series, BC857BWT1, SBC857BWT1 Series, BC858AWT1
Series
http://onsemi.com
4
BC856/SBC856
Figure 7. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 8. “On” Voltage
IC, COLLECTOR CURRENT (mA)
-0.8
-1.0
-0.6
-0.2
-0.4
1.0
2.0
-0.1
-1.0
-10
-200
-0.2
0.2
0.5
-0.2
-1.0
-10
-200
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = -5.0 V
Figure 9. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 10. Base−Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
-1.0
-1.2
-1.6
-2.0
-0.02
-1.0
-10
0
-20
-0.1
-0.4
-0.8
-0.2
-2.0
-10
-200
-1.0
TJ = 25°C
IC =
-10 mA
VCE = -5.0 V
TA = 25°C
0
-0.5
-2.0
-5.0
-20
-50
-100
-0.05
-0.2
-0.5
-2.0
-5.0
-100 mA
-20 mA
-1.4
-1.8
-2.2
-2.6
-3.0
-0.5
-5.0
-20
-50
-100
-55
°C to 125°C
qVB for VBE
-2.0 -5.0
-20
-50 -100
Figure 11. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
40
Figure 12. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mA)
-0.1 -0.2
-1.0
-50
2.0
-2.0
-10
-100
100
200
500
50
20
20
10
6.0
4.0
-1.0
-10
-100
VCE = -5.0 V
-0.5
-5.0
-20
TJ = 25°C
Cob
Cib
8.0
-50 mA
-200 mA


Similar Part No. - BC856BWT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC856BWT1G ONSEMI-BC856BWT1G Datasheet
84Kb / 6P
   General Purpose Transistors
April, 2015 ??Rev. 4
More results

Similar Description - BC856BWT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com