Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALREKC00BF322C00F Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MALREKC00BF322C00F
Description  Aluminum Capacitors Radial Style
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKC00BF322C00F Datasheet(HTML) 1 Page - Vishay Siliconix

  MALREKC00BF322C00F Datasheet HTML 1Page - Vishay Siliconix MALREKC00BF322C00F Datasheet HTML 2Page - Vishay Siliconix MALREKC00BF322C00F Datasheet HTML 3Page - Vishay Siliconix MALREKC00BF322C00F Datasheet HTML 4Page - Vishay Siliconix MALREKC00BF322C00F Datasheet HTML 5Page - Vishay Siliconix MALREKC00BF322C00F Datasheet HTML 6Page - Vishay Siliconix MALREKC00BF322C00F Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Not for New Design
EKC
www.vishay.com
Vishay Roederstein
Revision: 10-Jul-12
1
Document Number: 25009
For technical questions, contact: aluminiumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors
Radial Style
FEATURES
• Polarized aluminum electrolytic capacitor
• Small dimensions, high CV product
•Low impedance
• Long lifetime
• Temperature range up to 105 °C
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Industrial
electronics,
telecommunication
systems,
audio/video systems
• Highly professional switching power supply units
• Smoothing, filtering
• Portable and mobile units
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size (Ø D x L in mm)
5 x 11.5 to 16 x 40
Rated capacitance range, CR
10 μF to 8200 μF
Capacitance tolerance
± 20 %
Rated voltage range
10 V to 63 V
Category temperature range
- 55 °C to + 105 °C
Endurance test at upper category temperature
Up to 8000 h
Based on sectional specification
IEC 60384/EN 130300
Climatic category IEC 60068
55/105/56
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
RATED VOLTAGE (V)
10
16
25
35
50
63
10


5 x 11.5
18


5 x 11.5
6.3 x 11.5
27

5 x 11.5
-
-
33


6.3 x 15
39

5 x 11.5
6.3 x 11.5
-
47


8 x 12
56
5 x 11.5
6.3 x 11.5
6.3 x 15
10 x 12.5
68


8 x 12
8 x 15
82
5 x 11.5
6.3 x 11.5
6.3 x 15
8 x 15
8 x 20
100

8 x 12
10 x 16
10 x 20
120
6.3 x 11.5
6.3 x 15
8 x 12
10 x 16
10 x 20
150

8 x 12

10 x 25
180
6.3 x 11.5
6.3 x 15
10 x 12.5
8 x 15
10 x 20
10 x 30
220
6.3 x 15
8 x 15
10 x 16
10 x 25
12.5 x 20
270
8 x 12

12.5 x 25
330
8 x 12
8 x 15
8 x 20
10 x 20
12.5 x 20
16 x 20
390
10 x 12.5

10 x 25
12.5 x 30
470
8 x 15
10 x 16
10 x 20
12.5 x 20
12.5 x 25
12.5 x 35


Similar Part No. - MALREKC00BF322C00F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKC00BF322C00F VISHAY-MALREKC00BF322C00F Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
More results

Similar Description - MALREKC00BF322C00F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com