Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKE Datasheet(PDF) 4 Page - Vishay Siliconix

Part # EKE
Description  Aluminum Capacitors Radial Style
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EKE Datasheet(HTML) 4 Page - Vishay Siliconix

  EKE_12 Datasheet HTML 1Page - Vishay Siliconix EKE_12 Datasheet HTML 2Page - Vishay Siliconix EKE_12 Datasheet HTML 3Page - Vishay Siliconix EKE_12 Datasheet HTML 4Page - Vishay Siliconix EKE_12 Datasheet HTML 5Page - Vishay Siliconix EKE_12 Datasheet HTML 6Page - Vishay Siliconix EKE_12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EKE
www.vishay.com
Vishay Roederstein
Revision: 14-Mar-12
4
Document Number: 25008
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
35
4.7
5 x 11
0.12
33.86
0.70
180
0.42
MALREKE00AA147F00K
10
5 x 11
0.12
15.92
0.70
180
0.42
MALREKE00AA210F00K
22
5 x 11
0.12
7.235
0.70
180
0.42
MALREKE00AA222F00K
33
5 x 11
0.12
4.823
0.65
180
0.42
MALREKE00AA233F00K
47
6.3 x 11
0.12
3.386
0.30
280
0.43
MALREKE00BA247F00K
100
8 x 11.5
0.12
1.592
0.14
450
1.05
MALREKE00PB310F00K
150
8 x 11.5
0.12
1.061
0.14
450
1.05
MALREKE00PB315F00K
220
10 x 12.5
0.12
0.723
0.10
660
1.90
MALREKE00DC322F00K
330
10 x 16
0.12
0.482
0.080
850
2.40
MALREKE00DD333F00K
470
10 x 20
0.12
0.339
0.054
1100
3.00
MALREKE00DE347F00K
1000
12.5 x 25
0.12
0.159
0.038
1700
4.70
MALREKE00FG410F00K
1500
16 x 25
0.14
0.124
0.030
2100
6.60
MALREKE00JG415F00K
2200
16 x 31.5
0.16
0.096
0.025
2600
9.00
MALREKE00JS422F00K
3300
18 x 35.5
0.18
0.072
0.022
3000
11.5
MALREKE00KL433F00K
50
0.22
5 x 11
0.10
602.9
8.00
18
0.42
MALREKE00AA022H00K
0.47
5 x 11
0.10
282.2
5.00
25
0.42
MALREKE00AA047H00K
1.0
5 x 11
0.10
132.6
3.50
40
0.42
MALREKE00AA110H00K
2.2
5 x 11
0.10
60.29
3.00
55
0.42
MALREKE00AA122H00K
3.3
5 x 11
0.10
40.19
2.60
65
0.42
MALREKE00AA133H00K
4.7
5 x 11
0.10
28.22
2.30
90
0.42
MALREKE00AA147H00K
10
5 x 11
0.10
13.26
1.40
120
0.42
MALREKE00AA210H00K
22
5 x 11
0.10
6.029
1.20
150
0.42
MALREKE00AA222H00K
47
6.3 x 11
0.10
2.822
0.43
250
0.43
MALREKE00BA247H00K
100
8 x 11.5
0.10
1.326
0.24
340
1.05
MALREKE00PB310H00K
150
10 x 12.5
0.10
0.884
0.17
490
1.90
MALREKE00DC315H00K
220
10 x 16
0.10
0.603
0.12
650
2.40
MALREKE00DD322H00K
330
10 x 20
0.10
0.402
0.10
810
3.00
MALREKE00DE333H00K
470
12.5 x 20
0.10
0.282
0.085
1100
4.50
MALREKE00FE347H00K
1000
16 x 25
0.10
0.133
0.043
1600
6.60
MALREKE00JG410H00K
1500
16 x 31.5
0.12
0.106
0.038
2000
9.00
MALREKE00JS415H00K
2200
18 x 35.5
0.14
0.084
0.034
2300
11.5
MALREKE00KL422H00K
63
3.3
5 x 11
0.09
36.17
2.00
64
0.42
MALREKE00AA133J00K
4.7
5 x 11
0.09
25.40
2.00
76
0.42
MALREKE00AA147J00K
10
5 x 11
0.09
11.94
2.00
111
0.42
MALREKE00AA210J00K
22
6.3 x 11
0.09
5.426
0.60
190
0.43
MALREKE00BA222J00K
33
6.3 x 11
0.09
3.617
0.60
233
0.43
MALREKE00BA233J00K
47
8 x 11.5
0.09
2.540
0.50
328
1.05
MALREKE00PB247J00K
100
10 x 16
0.09
1.194
0.12
456
2.40
MALREKE00DD310J00K
150
10 x 20
0.09
0.796
0.10
610
3.00
MALREKE00DE315J00K
220
10 x 25
0.09
0.543
0.090
809
3.20
MALREKE00DG322J00K
330
12.5 x 20
0.09
0.362
0.085
1036
4.50
MALREKE00FE333J00K
470
16 x 20
0.09
0.254
0.050
1411
5.80
MALREKE00JE347J00K
1000
16 x 35.5
0.09
0.119
0.025
1967
10.0
MALREKE00JL410J00K
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(μF)
DIMENSIONS
Ø D x L
(mm)
tan
120 Hz
RESR
120 Hz/
20 °C
(
)
Z
100 kHz/
20 °C
(
)
IR
100 kHz/
105 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER
(Long Leads)


Similar Part No. - EKE_12

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
EKE/X OSRAM-EKE/X Datasheet
120Kb / 2P
   Low Voltage Tungsten Halogen Lamps with Reflector
logo
Murata Manufacturing Co...
EKEMBL03D MURATA-EKEMBL03D Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
EKEMBL15K MURATA-EKEMBL15K Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
EKEMBL18G MURATA-EKEMBL18G Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
EKEMBL21D MURATA-EKEMBL21D Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
More results

Similar Description - EKE_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com