Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E52-IC10AE Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E52-IC10AE
Description  A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E52-IC10AE Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E52-IC10AE Datasheet HTML 5Page - Omron Electronics LLC E52-IC10AE Datasheet HTML 6Page - Omron Electronics LLC E52-IC10AE Datasheet HTML 7Page - Omron Electronics LLC E52-IC10AE Datasheet HTML 8Page - Omron Electronics LLC E52-IC10AE Datasheet HTML 9Page - Omron Electronics LLC E52-IC10AE Datasheet HTML 10Page - Omron Electronics LLC E52-IC10AE Datasheet HTML 11Page - Omron Electronics LLC E52-IC10AE Datasheet HTML 12Page - Omron Electronics LLC E52-IC10AE Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
E52
9
■ Sheathed Thermocouples
Specifications
Permissible Temperature in Dry Air
Note: For details on the permissible temperature, refer to page D-5 of
Introduction of Temperature Controllers (Cat. No. H900).
Exposed-lead Models
E52-CA
@A
Dimensions
K (CA) Model Information (E52-CA
@A)
Model Information
Custom-made models are available on request. Refer to Model Number Legend on page 8 for details.
Element type
K (CA), J(IC)
Class
JIS class 2 (0.75)
Thermal contact
Non-grounded type
Sheath material
CA: SUS316
IC: SUS316
D
Element wire
K (CA) SUS316
J (IC) SUS316
1 dia.
650
°C450°C
1.6 dia.
650
°C450°C
3.2 dia.
750
°C650°C
4.8 dia.
800
°C750°C
6.4 dia.
800
°C750°C
8.0 dia.
900
°C750°C
Y-type crimp terminal for M4
Red (+)
White (
−)
ML
Lead wire (See note 1.)
SUS316 sheath
D
d
SUS304 sleeve
(See note 2.)
Unit (mm)
Dd
l
1 dia.
7
40
1.6 dia.
7
40
3.2 dia.
7
40
4.8 dia.
7
40
6.4 dia.
10
45
8 dia.
10
45
Permissible Temperature in Dry Air
D
Element wire
K (CA) SUS316
1 dia.
650
°C
1.6 dia.
650
°C
3.2 dia.
750
°C
4.8 dia.
800
°C
6.4 dia.
800
°C
8.0 dia.
900
°C
Note: 1. Lead Wire (Compensating Conductor)
• Standard (
−20°C to 70°C):
Fully vinyl-covered with seven 0.3-dia. conductors (0.5 mm
thick) and external dimensions of 3.2
× 5.0.
• Heat Resistive (0
°C to 150°C):
Fully glass-wool-covered with seven 0.3-dia. conductors
(0.5 mm thick) with external shield of stainless steel and
external dimensions of 2.9
× 4.6
The heat-resistive lead wires cannot be used in locations
exposed to water or other liquids.
• Lead Wire Length (M): 1, 2, 4, or 8 m
2. The sleeve resists temperatures ranging between
−20°C and 70°C
for standard models and 0
°C and 100°C for heat-resistive models.
Terminal type
Protective
tubing diameter
D (mm)
Protective
tubing length L
(cm)
Lead wire type
Lead wire length M (m)
1248
Model
Exposed-lead
Models
1 dia.
15
Standard
E52-CA15A D=1 1M
E52-CA15A D=1 2M
E52-CA15A D=1 4M
E52-CA15A D=1 8M
Heat resistive
E52-CA15A D=1
NETU 1M
E52-CA15A D=1
NETU 2M
E52-CA15A D=1
NETU 4M
E52-CA15A D=1
NETU 8M
20
Standard
E52-CA20A D=1 1M
E52-CA20A D=1 2M
E52-CA20A D=1 4M
E52-CA20A D=1 8M
Heat resistive
E52-CA20A D=1
NETU 1M
E52-CA20A D=1
NETU 2M
E52-CA20A D=1
NETU 4M
E52-CA20A D=1
NETU 8M
35
Standard
E52-CA35A D=1 1M
E52-CA35A D=1 2M
E52-CA35A D=1 4M
E52-CA35A D=1 8M
Heat resistive
E52-CA35A D=1
NETU 1M
E52-CA35A D=1
NETU 2M
E52-CA35A D=1
NETU 4M
E52-CA35A D=1
NETU 8M
1.6 dia.
15
Standard
E52-CA15A D=1.6
1M
E52-CA15A D=1.6
2M
E52-CA15A D=1.6
4M
E52-CA15A D=1.6
8M
Heat resistive
E52-CA15A D=1.6
NETU 1M
E52-CA15A D=1.6
NETU 2M
E52-CA15A D=1.6
NETU 4M
E52-CA15A D=1.6
NETU 8M
20
Standard
E52-CA20A D=1.6
1M
E52-CA20A D=1.6
2M
E52-CA20A D=1.6
4M
E52-CA20A D=1.6
8M
Heat resistive
E52-CA20A D=1.6
NETU 1M
E52-CA20A D=1.6
NETU 2M
E52-CA20A D=1.6
NETU 4M
E52-CA20A D=1.6
NETU 8M
35
Standard
E52-CA35A D=1.6
1M
E52-CA35A D=1.6
2M
E52-CA35A D=1.6
4M
E52-CA35A D=1.6
8M
Heat resistive
E52-CA35A D=1.6
NETU 1M
E52-CA35A D=1.6
NETU 2M
E52-CA35A D=1.6
NETU 4M
E52-CA35A D=1.6
NETU 8M


Similar Part No. - E52-IC10AE

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
E52-16QS04-B EATON-E52-16QS04-B Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-B1 EATON-E52-16QS04-B1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C EATON-E52-16QS04-C Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C1 EATON-E52-16QS04-C1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-18RU04-B EATON-E52-18RU04-B Datasheet
3Mb / 102P
   Stainless steel tube
More results

Similar Description - E52-IC10AE

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
logo
Shanghai Leiditech Elec...
HL90-250 LEIDITECH-HL90-250 Datasheet
375Kb / 3P
   Telecom and wide variety of electronic equipment
logo
List of Unclassifed Man...
CFP50 ETC2-CFP50 Datasheet
109Kb / 3P
   The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Rosenberger Hochfrequen...
23C21D-40ML5 ROSENBERGER-23C21D-40ML5 Datasheet
351Kb / 2P
   A wide variety of transmissionline topologies and pcb-parameters like permittivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com